Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 13 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 9Page - STMicroelectronics ISM303DAC Datasheet HTML 10Page - STMicroelectronics ISM303DAC Datasheet HTML 11Page - STMicroelectronics ISM303DAC Datasheet HTML 12Page - STMicroelectronics ISM303DAC Datasheet HTML 13Page - STMicroelectronics ISM303DAC Datasheet HTML 14Page - STMicroelectronics ISM303DAC Datasheet HTML 15Page - STMicroelectronics ISM303DAC Datasheet HTML 16Page - STMicroelectronics ISM303DAC Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
DocID030988 Rev 2
13/80
ISM303DAC
Module specifications
80
2
Module specifications
2.1
Sensor characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted (a).
Noise density is the same for all ODR.
a. The product is factory calibrated at 1.8 V. The operational power supply range is from 1.71 V to 1.98 V.
Table 3. Sensor characteristics
Symbol
Parameter
Test conditions
Min.(1)
Typ.(2)
Max.(1)
Unit
LA_FS
Linear acceleration
measurement range
±2
g
±4
±8
±16
M_FS
Magnetic dynamic range(3)
±25
±49.152
gauss
LA_So
Sensitivity 16-bit(4)(5)
@ FS ±2 g
-7%
0.061
+7%
mg/digit
@ FS ±4 g
-7%
0.122
+7%
@ FS ±8 g
-7%
0.244
+7%
@ FS ±16 g
-7%
0.488
+7%
M_So
Magnetic sensitivity(5)
-10%
1.5
+10%
mgauss/
LSB
LA_TCSo
Linear acceleration sensitivity
change vs. temperature(6)
0.01
%/°C
M_TCSo
Magnetic sensitivity change vs.
temperature(6)
±0.03
%/°C
LA_TyOff
Typical zero-g level offset
accuracy(7)(8)
-80
±30
+80
mg
M_TyOff Magnetic sensor offset
With offset cancellation(9)(10)
-60
0
+60
mgauss
LA_TCOff Zero-g level change vs. temp.(6) Max. delta from 25 °C
±0.2
mg/°C
M_TCOff
Magnetic sensor offset change
vs. temp.
With offset cancellation(9)
-0.3
+0.3
mgauss/
°C
LA_AN
Noise density - high-
performance mode (HR or HF
mode)(11)
@ FS ±2 g
120
μg/√Hz
@ FS ±4 g
150
@ FS ±8 g
200
@ FS ±16 g
300
LA_RMS
RMS noise - low-power
mode(12)
@ FS ±2 g
6.3
mg(RMS)
@ FS ±4 g
8.2
@ FS ±8 g
11
@ FS ±16 g
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com