Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 33 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 29Page - STMicroelectronics ISM303DAC Datasheet HTML 30Page - STMicroelectronics ISM303DAC Datasheet HTML 31Page - STMicroelectronics ISM303DAC Datasheet HTML 32Page - STMicroelectronics ISM303DAC Datasheet HTML 33Page - STMicroelectronics ISM303DAC Datasheet HTML 34Page - STMicroelectronics ISM303DAC Datasheet HTML 35Page - STMicroelectronics ISM303DAC Datasheet HTML 36Page - STMicroelectronics ISM303DAC Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
DocID030988 Rev 2
33/80
ISM303DAC
Functionality
80
4.2.3
Accelerometer 6D / 4D orientation detection
The ISM303DAC includes 6D / 4D orientation detection which applies only to the
accelerometer.
In this configuration the interrupt is generated when the device is stable in a known
direction. In 4D configuration, detection of the position of the Z-axis is disabled.
4.2.4
Accelerometer activity/inactivity function
The Activity/Inactivity recognition function allows reducing the power consumption of the
system in order to develop new smart applications and is applicable only to the
accelerometer block of the device.
When the Activity/Inactivity recognition function is activated, the ISM303DAC is able to
automatically go to 12.5 Hz sampling rate and to wake up as soon as the interrupt event has
been detected, increasing the output data rate and bandwidth.
With this feature the system may be efficiently switched from low-power mode to full
performance depending on user-selectable positioning and acceleration events, thus
ensuring power saving and flexibility.
The Activity/Inactivity recognition function is activated by writing the desired threshold in the
WAKE_UP_THS_A (33h) register. The high-pass filter is automatically enabled.
If the device is in Sleep (Inactivity) mode, when at least one of the axes exceeds the
threshold in the WAKE_UP_THS_A (33h) the device goes into Sleep-to-Wake (as Wake-
Up).
Activity/Inactivity threshold and duration can be configured in the control registers:
WAKE_UP_THS_A (33h)
WAKE_UP_DUR_A (34h)
4.2.5
Accelerometer self-test
The self-test allows the user to check the sensor functionality without moving it. When the
self-test is enabled, an actuation force is applied to the sensor, simulating a definite input
acceleration. In this case the sensor outputs will exhibit a change in their DC levels which
are related to the selected full scale through the device sensitivity. When the self-test is
activated, the device output level is given by the algebraic sum of the signals produced by
the acceleration acting on the sensor and by the electrostatic test-force. If the output signals
change within the amplitude specified inside Table 3, then the sensor is working properly
and the parameters of the interface chip are within the defined specifications.
The self-test procedure is described in the following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com