Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 56 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 52Page - STMicroelectronics ISM303DAC Datasheet HTML 53Page - STMicroelectronics ISM303DAC Datasheet HTML 54Page - STMicroelectronics ISM303DAC Datasheet HTML 55Page - STMicroelectronics ISM303DAC Datasheet HTML 56Page - STMicroelectronics ISM303DAC Datasheet HTML 57Page - STMicroelectronics ISM303DAC Datasheet HTML 58Page - STMicroelectronics ISM303DAC Datasheet HTML 59Page - STMicroelectronics ISM303DAC Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
Register description
ISM303DAC
56/80
DocID030988 Rev 2
8.4
CTRL2_A (21h)
Control register 2 (r/w)
Table 36. CTRL2_A register
Table 37. CTRL2_A register description
BOOT
SOFT_
RESET
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
FDS_
SLOPE
IF_ADD_
INC
I2C_
DISABLE
SPI_
ENABLE
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
SOFT_RESET Soft reset acts as reset for all control registers, then goes to 0.
Default value: 0 (0: disabled; 1: enabled)
FDS_SLOPE
High-pass filter data selection on output register and FIFO. Default value: 0
(0: internal filter bypassed; 1: internal filter enabled on output register and FIFO)
IF_ADD_INC
Register address automatically incremented during multiple byte access with a
serial interface (I2C or SPI). Default value: 1 (0: disabled; 1: enabled)
I2C_DISABLE
Disable I2C communication protocol. Default value: 0
(0: SPI and I2C interfaces enabled; 1: I2C mode disabled)
SPI_ENABLE
3-wire SPI interface read enable. Default value: 0
0: SPI read disabled
1: SPI read enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com