Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 30 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 26Page - STMicroelectronics ISM303DAC Datasheet HTML 27Page - STMicroelectronics ISM303DAC Datasheet HTML 28Page - STMicroelectronics ISM303DAC Datasheet HTML 29Page - STMicroelectronics ISM303DAC Datasheet HTML 30Page - STMicroelectronics ISM303DAC Datasheet HTML 31Page - STMicroelectronics ISM303DAC Datasheet HTML 32Page - STMicroelectronics ISM303DAC Datasheet HTML 33Page - STMicroelectronics ISM303DAC Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
Functionality
ISM303DAC
30/80
DocID030988 Rev 2
Table 15. Low-pass filter in low-power, high-resolution and high-frequency modes
ODR [Hz]
LPF cutoff [Hz]
Low-power mode
800
3200
400
200
100
50
25
12.5
1
High-resolution mode
800
355
400
177
200
88
100
44
50
22
25
11
12.5
5.5
High-frequency mode
6400
2840
3200
1420
1600
710
Table 16. Current consumption of operating modes
ODR (Hz)
Typical current consumption in
high-resolution/high-frequency mode
[μA]
Typical current consumption in
low-power mode
[μA]
1
-
4.5
12.5
162
6
25
7.5
50
10
100
16
200
26.5
400
48.5
800
92.5
1600
3200
6400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com