Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 42 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 38Page - STMicroelectronics ISM303DAC Datasheet HTML 39Page - STMicroelectronics ISM303DAC Datasheet HTML 40Page - STMicroelectronics ISM303DAC Datasheet HTML 41Page - STMicroelectronics ISM303DAC Datasheet HTML 42Page - STMicroelectronics ISM303DAC Datasheet HTML 43Page - STMicroelectronics ISM303DAC Datasheet HTML 44Page - STMicroelectronics ISM303DAC Datasheet HTML 45Page - STMicroelectronics ISM303DAC Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
Application hints
ISM303DAC
42/80
DocID030988 Rev 2
Note:
In order to program INT_MAG/DRDY as a push-pull output, write the INT_MAG bit to 1 in
CFG_REG_C_M (62h).
5.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standards.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Land pattern and soldering recommendations are available at www.st.com.
5.2
High-current wiring effects
High current in wiring and printed circuit traces can be culprits in causing errors in magnetic
field measurements for compassing.
Conductor-generated magnetic fields will add to the Earth’s magnetic field, leading to errors
in compass heading computation.
Keep currents higher than 10 mA a few millimeters away from the sensor IC.
Table 19. Pin status
Pin#
Name
Function
Status
1
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
Default: input without pull-up
2CS
I2C/SPI mode selection
(1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
Default: input without pull-up
3
Reserved
Reserved, connected to GND
4
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
Default: (SDA) input without pull-up
5
C1
Capacitor connection (C1 = 220 nF)
External cap, voltage forced by the
device
6
GND
0 V
7
INT_MAG/DRDY Magnetometer interrupt/data-ready signal
Default: output high impedance
8
GND
0 V
9
Vdd
Power supply
10
Vdd_IO
Power supply for I/O pins
11
INT2_XL
Accelerometer interrupt 2
Default: output forced to ground
12
INT1_XL
Accelerometer interrupt 1
Default: output forced to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com