Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 15 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 11Page - STMicroelectronics ISM303DAC Datasheet HTML 12Page - STMicroelectronics ISM303DAC Datasheet HTML 13Page - STMicroelectronics ISM303DAC Datasheet HTML 14Page - STMicroelectronics ISM303DAC Datasheet HTML 15Page - STMicroelectronics ISM303DAC Datasheet HTML 16Page - STMicroelectronics ISM303DAC Datasheet HTML 17Page - STMicroelectronics ISM303DAC Datasheet HTML 18Page - STMicroelectronics ISM303DAC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
DocID030988 Rev 2
15/80
ISM303DAC
Module specifications
80
2.2
Temperature sensor characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.(b)
2.3
Electrical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.(b)
b. The product is factory calibrated at 1.8 V.The operational power supply range is from 1.71 V to 1.98 V.
Table 4. Temperature sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output change vs. temp.
1
digit/°C(2)
TODR
Temperature refresh rate
12.5
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. 8-bit resolution.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.(1)
Typ.(2)
Max.(1)
Unit
Vdd
Supply voltage
1.71
1.98
V
Vdd_IO
Module power supply for I/O
1.71
1.8
Vdd+0.1
V
LA_Idd_HR
Accelerometer current consumption in
high-resolution mode
Magnetic sensor in power-down
12.5Hz-6400Hz
ODR range
162
μA
LA_Idd_LP
Accelerometer current consumption in
low-power mode
Magnetic sensor in power-down.
100 Hz ODR
16
μA
50 Hz ODR
10
μA
12.5 Hz ODR
6
μA
1 Hz ODR
4.5
μA
M_Idd_HR
Magnetic current consumption in high-
resolution mode
Accelerometer in power-down mode
ODR = 100 Hz
1180
μA
M_Idd_LP
Magnetic current consumption in low-
power mode(3)
Linear accel. in power-down mode
ODR = 10 Hz
25
μA
Idd_PD
Current consumption in power-down
2.5
μA
VIH
Digital high-level input voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
VOH
High-level output voltage
IOH = 4 mA
Vdd_IO - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com