Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 64 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 60Page - STMicroelectronics ISM303DAC Datasheet HTML 61Page - STMicroelectronics ISM303DAC Datasheet HTML 62Page - STMicroelectronics ISM303DAC Datasheet HTML 63Page - STMicroelectronics ISM303DAC Datasheet HTML 64Page - STMicroelectronics ISM303DAC Datasheet HTML 65Page - STMicroelectronics ISM303DAC Datasheet HTML 66Page - STMicroelectronics ISM303DAC Datasheet HTML 67Page - STMicroelectronics ISM303DAC Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
Register description
ISM303DAC
64/80
DocID030988 Rev 2
8.21
INT_DUR_A (32h)
Interrupt duration register (r/w)
Table 66. INT_DUR_A register
Table 67. INT_DUR_A register description
8.22
WAKE_UP_THS_A (33h)
Wakeup threshold register (r/w)
Table 68. WAKE_UP_THS_A register
Table 69. WAKE_UP_THS_A register description
LAT3
LAT2
LAT1
LAT0
QUIET1
QUIET0
SHOCK1
SHOCK0
LAT [3:1]
Duration of maximum time gap for double-tap recognition. When double-tap
recognition is enabled, this register expresses the maximum time between two
successive detected taps to determine a double-tap event.
1 LSB = 32 TODR.
QUIET [1:0]
Expected quiet time after a tap detection: this register represents the time after
the first detected tap in which there must not be any over-threshold event.
1 LSB = 4 TODR.
SHOCK [4:0]
Maximum duration of over-threshold event: this register represents the maximum
time of an over-threshold signal detection to be recognized as a tap event.
1 LSB = 8 TODR
SINGLE_
DOUBLE_
TAP
SLEEP_
ON
WU_
THS_ 5
WU_
THS_4
WU_
THS_3
WU_
THS 2
WU_
THS 1
WU_
THS 0
SINGLE_
DOUBLE_
TAP
Double/single-tap event detection:
(0: double-tap event detection; 1: single-tap event detection)
SLEEP_ON
Sleep (inactivity) enable
(0: sleep disabled; 1: sleep enabled)
WU_THS [5:0]
Wakeup threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com