Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 113 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 113 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 109Page - STMicroelectronics LSM6DSRTR Datasheet HTML 110Page - STMicroelectronics LSM6DSRTR Datasheet HTML 111Page - STMicroelectronics LSM6DSRTR Datasheet HTML 112Page - STMicroelectronics LSM6DSRTR Datasheet HTML 113Page - STMicroelectronics LSM6DSRTR Datasheet HTML 114Page - STMicroelectronics LSM6DSRTR Datasheet HTML 115Page - STMicroelectronics LSM6DSRTR Datasheet HTML 116Page - STMicroelectronics LSM6DSRTR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 168 page
background image
11.36
FSM_OUTS15 (5Ah)
FSM15 output register (r)
Table 250. FSM_OUTS15 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 251. FSM_OUTS15 register description
P_X
FSM15 output: positive event detected on the X-axis. (0: event not detected; 1: event detected)
N_X
FSM15 output: negative event detected on the X-axis. (0: event not detected; 1: event detected)
P_Y
FSM15 output: positive event detected on the Y-axis. (0: event not detected; 1: event detected)
N_Y
FSM15 output: negative event detected on the Y-axis. (0: event not detected; 1: event detected)
P_Z
FSM15 output: positive event detected on the Z-axis. (0: event not detected; 1: event detected)
N_Z
FSM15 output: negative event detected on the Z-axis. (0: event not detected; 1: event detected)
P_V
FSM15 output: positive event detected on the vector. (0: event not detected; 1: event detected)
N_V
FSM15 output: negative event detected on the vector. (0: event not detected; 1: event detected)
11.37
FSM_OUTS16 (5Bh)
FSM16 output register (r)
Table 252. FSM_OUTS16 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 253. FSM_OUTS16 register description
P_X
FSM16 output: positive event detected on the X-axis. (0: event not detected; 1: event detected)
N_X
FSM16 output: negative event detected on the X-axis. (0: event not detected; 1: event detected)
P_Y
FSM16 output: positive event detected on the Y-axis. (0: event not detected; 1: event detected)
N_Y
FSM16 output: negative event detected on the Y-axis. (0: event not detected; 1: event detected)
P_Z
FSM16 output: positive event detected on the Z-axis. (0: event not detected; 1: event detected)
N_Z
FSM16 output: negative event detected on the Z-axis. (0: event not detected; 1: event detected)
P_V
FSM16 output: positive event detected on the vector. (0: event not detected; 1: event detected)
N_V
FSM16 output: negative event detected on the vector. (0: event not detected; 1: event detected)
LSM6DSR
FSM_OUTS15 (5Ah)
DS11976 - Rev 2
page 113/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com