Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 115 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 115 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 111Page - STMicroelectronics LSM6DSRTR Datasheet HTML 112Page - STMicroelectronics LSM6DSRTR Datasheet HTML 113Page - STMicroelectronics LSM6DSRTR Datasheet HTML 114Page - STMicroelectronics LSM6DSRTR Datasheet HTML 115Page - STMicroelectronics LSM6DSRTR Datasheet HTML 116Page - STMicroelectronics LSM6DSRTR Datasheet HTML 117Page - STMicroelectronics LSM6DSRTR Datasheet HTML 118Page - STMicroelectronics LSM6DSRTR Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 168 page
background image
11.39
STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h)
Step counter output register (r)
Table 256. STEP_COUNTER_L register
STEP_7
STEP_6
STEP_5
STEP_4
STEP_3
STEP_2
STEP_1
STEP_0
Table 257. STEP_COUNTER_L register description
STEP_[7:0]
Step counter output (LSbyte)
Table 258. STEP_COUNTER_H register
STEP_15
STEP_14
STEP_13
STEP_12
STEP_11
STEP_10
STEP_9
STEP_8
Table 259. STEP_COUNTER_H register description
STEP_[15:8]
Step counter output (MSbyte)
LSM6DSR
STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h)
DS11976 - Rev 2
page 115/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com