Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 116 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 116 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 112Page - STMicroelectronics LSM6DSRTR Datasheet HTML 113Page - STMicroelectronics LSM6DSRTR Datasheet HTML 114Page - STMicroelectronics LSM6DSRTR Datasheet HTML 115Page - STMicroelectronics LSM6DSRTR Datasheet HTML 116Page - STMicroelectronics LSM6DSRTR Datasheet HTML 117Page - STMicroelectronics LSM6DSRTR Datasheet HTML 118Page - STMicroelectronics LSM6DSRTR Datasheet HTML 119Page - STMicroelectronics LSM6DSRTR Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 168 page
background image
11.40
EMB_FUNC_SRC (64h)
Embedded function source register (r/w)
Table 260. EMB_FUNC_SRC register
PEDO_
RST_STEP
0(1)
STEP_
DETECTED
STEP_COUNT
_DELTA_IA
STEP_
OVERFLOW
STEPCOUNTER
_BIT_SET
0(1)
0(1)
1. This bit must be set to '0' for the correct operation of the device.
Table 261. EMB_FUNC_SRC register description
PEDO_RST_STEP
Reset pedometer step counter. Read/write bit.
(0: disabled; 1: enabled)
STEP_DETECTED
Step detector event detection status. Read-only bit.
(0: step detection event not detected; 1: step detection event detected)
STEP_COUNT_DELTA_IA
Pedometer step recognition on delta time status. Read-only bit.
(0: no step recognized during delta time;
1: at least one step recognized during delta time)
STEP_OVERFLOW
Step counter overflow status. Read-only bit.
(0: step counter value < 216; 1: step counter value reached 216)
STEPCOUNTER_BIT_SET
This bit is equal to 1 when the step count is increased. Read-only bit.
11.41
EMB_FUNC_INIT_A (66h)
Embedded functions initialization register (r/w)
Table 262. EMB_FUNC_INIT_A register
0(1)
0(1)
SIG_MOT
_INIT
TILT_INIT
STEP_DET
_INIT
0(1)
0(1)
0(1)
1. This bit must be set to '0' for the correct operation of the device.
Table 263. EMB_FUNC_INIT_A register description
SIG_MOT_INIT
Significant Motion Detection algorithm initialization request. Default value: 0
TILT_INIT
Tilt algorithm initialization request. Default value: 0
STEP_DET_INIT
Pedometer Step Counter/Detector algorithm initialization request. Default value: 0
LSM6DSR
EMB_FUNC_SRC (64h)
DS11976 - Rev 2
page 116/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com