Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 128 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 128 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 124Page - STMicroelectronics LSM6DSRTR Datasheet HTML 125Page - STMicroelectronics LSM6DSRTR Datasheet HTML 126Page - STMicroelectronics LSM6DSRTR Datasheet HTML 127Page - STMicroelectronics LSM6DSRTR Datasheet HTML 128Page - STMicroelectronics LSM6DSRTR Datasheet HTML 129Page - STMicroelectronics LSM6DSRTR Datasheet HTML 130Page - STMicroelectronics LSM6DSRTR Datasheet HTML 131Page - STMicroelectronics LSM6DSRTR Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 168 page
background image
13.2
Page 1 - Embedded advanced features registers
13.2.1
FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh)
FSM long counter timeout register (r/w).
The long counter timeout value is an unsigned integer value (16-bit format). When the long counter value reaches
this value, the FSM generates an interrupt.
Table 312. FSM_LC_TIMEOUT_L register
FSM_LC_
TIMEOUT7
FSM_LC_
TIMEOUT6
FSM_LC_
TIMEOUT5
FSM_LC_
TIMEOUT4
FSM_LC_
TIMEOUT3
FSM_LC_
TIMEOUT2
FSM_LC_
TIMEOUT1
FSM_LC_
TIMEOUT0
Table 313. FSM_LC_TIMEOUT_L register description
FSM_LC_TIMEOUT[7:0]
FSM long counter timeout value (LSbyte). Default value: 00000000
Table 314. FSM_LC_TIMEOUT_H register
FSM_LC_
TIMEOUT15
FSM_LC_
TIMEOUT14
FSM_LC_
TIMEOUT13
FSM_LC_
TIMEOUT12
FSM_LC_
TIMEOUT11
FSM_LC_
TIMEOUT10
FSM_LC_
TIMEOUT9
FSM_LC_
TIMEOUT8
Table 315. FSM_LC_TIMEOUT_H register description
FSM_LC_TIMEOUT[15:8]
FSM long counter timeout value (MSbyte). Default value: 00000000
13.2.2
FSM_PROGRAMS (7Ch)
FSM number of programs register (r/w)
Table 316. FSM_PROGRAMS register
FSM_N_
PROG7
FSM_N_
PROG6
FSM_N_
PROG5
FSM_N_
PROG4
FSM_N_
PROG3
FSM_N_
PROG2
FSM_N_
PROG1
FSM_N_
PROG0
Table 317. FSM_PROGRAMS register description
FSM_N_PROG[7:0]
Number of FSM programs; must be less than or equal to 16. Default value: 00000000
LSM6DSR
Page 1 - Embedded advanced features registers
DS11976 - Rev 2
page 128/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com