Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 132 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 132 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 128Page - STMicroelectronics LSM6DSRTR Datasheet HTML 129Page - STMicroelectronics LSM6DSRTR Datasheet HTML 130Page - STMicroelectronics LSM6DSRTR Datasheet HTML 131Page - STMicroelectronics LSM6DSRTR Datasheet HTML 132Page - STMicroelectronics LSM6DSRTR Datasheet HTML 133Page - STMicroelectronics LSM6DSRTR Datasheet HTML 134Page - STMicroelectronics LSM6DSRTR Datasheet HTML 135Page - STMicroelectronics LSM6DSRTR Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 168 page
background image
14
Sensor hub register mapping
The table given below provides a list of the registers for the sensor hub functions available in the device and the
corresponding addresses. The sensor hub registers are accessible when bit SHUB_REG_ACCESS is set to '1' in
FUNC_CFG_ACCESS (01h).
Table 329. Registers address map
Name
Type
Register address
Default
Comment
Hex
Binary
SENSOR_HUB_1
R
02
00000010
output
SENSOR_HUB_2
R
03
00000011
output
SENSOR_HUB_3
R
04
00000100
output
SENSOR_HUB_4
R
05
00000101
output
SENSOR_HUB_5
R
06
00000110
output
SENSOR_HUB_6
R
07
00000111
output
SENSOR_HUB_7
R
08
00001000
output
SENSOR_HUB_8
R
09
00001001
output
SENSOR_HUB_9
R
0A
00001010
output
SENSOR_HUB_10
R
0B
00001011
output
SENSOR_HUB_11
R
0C
00001100
output
SENSOR_HUB_12
R
0D
00001101
output
SENSOR_HUB_13
R
0E
00001110
output
SENSOR_HUB_14
R
0F
00001111
output
SENSOR_HUB_15
R
10
00010000
output
SENSOR_HUB_16
R
11
00010001
output
SENSOR_HUB_17
R
12
00010010
output
SENSOR_HUB_18
R
13
00010011
output
MASTER_CONFIG
RW
14
00010100
00000000
SLV0_ADD
RW
15
00010101
00000000
SLV0_SUBADD
RW
16
00010110
00000000
SLV0_CONFIG
RW
17
00010111
00000000
SLV1_ADD
RW
18
00011000
00000000
SLV1_SUBADD
RW
19
00011001
00000000
SLV1_CONFIG
RW
1A
00011010
00000000
SLV2_ADD
RW
1B
00011011
00000000
SLV2_SUBADD
RW
1C
00011100
00000000
SLV2_CONFIG
RW
1D
00011101
00000000
SLV3_ADD
RW
1E
00011110
00000000
SLV3_SUBADD
RW
1F
00011111
00000000
SLV3_CONFIG
RW
20
00100000
00000000
DATAWRITE_SLV0
RW
21
00100001
00000000
STATUS_MASTER
R
22
00100010
output
LSM6DSR
Sensor hub register mapping
DS11976 - Rev 2
page 132/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com