Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 129 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 129 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 125Page - STMicroelectronics LSM6DSRTR Datasheet HTML 126Page - STMicroelectronics LSM6DSRTR Datasheet HTML 127Page - STMicroelectronics LSM6DSRTR Datasheet HTML 128Page - STMicroelectronics LSM6DSRTR Datasheet HTML 129Page - STMicroelectronics LSM6DSRTR Datasheet HTML 130Page - STMicroelectronics LSM6DSRTR Datasheet HTML 131Page - STMicroelectronics LSM6DSRTR Datasheet HTML 132Page - STMicroelectronics LSM6DSRTR Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 168 page
background image
13.2.3
FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh)
FSM start address register (r/w). First available address is 0x033C.
Table 318. FSM_START_ADD_L register
FSM_
START7
FSM_
START6
FSM_
START5
FSM_
START4
FSM_
START3
FSM_
START2
FSM_
START1
FSM_
START0
Table 319. FSM_START_ADD_L register description
FSM_START[7:0]
FSM start address value (LSbyte). Default value: 00000000
Table 320. FSM_START_ADD_H register
FSM_
START15
FSM_
START14
FSM_
START13
FSM_
START12
FSM_
START11
FSM_
START10
FSM_
START9
FSM_
START8
Table 321. FSM_START_ADD_H register description
FSM_START[15:8]
FSM start address value (MSbyte). Default value: 00000000
13.2.4
PEDO_CMD_REG (83h)
Pedometer configuration register (r/w)
Table 322. PEDO_CMD_REG register
0(1)
0(1)
0(1)
0(1)
CARRY_
COUNT_EN
FP_
REJECTION_EN
0(1)
AD_DET_EN
1. This bit must be set to '0' for the correct operation of the device.
Table 323. PEDO_CMD_REG register description
CARRY_COUNT_EN
Set when user wants to generate interrupt only on count overflow event.
FP_REJECTION_EN(1)
Enables the false-positive rejection feature.
ADV_DET_EN(2)
Enables the advanced detection feature.
1. This bit is effective if the PEDO_ADV_EN bit of EMB_FUNC_EN_B (05h) is set to 1 and the PEDO_FPR_ADF_DIS bit of
ADV_PEDO (03h) is set to 0.
2. This bit is effective if the FP_REJECTION_EN bit in PEDO_CMD_REG (83h) is set to 1, the PEDO_ADV_EN bit of
EMB_FUNC_EN_B (05h) is set to 1 and the PEDO_FPR_ADF_DIS bit of ADV_PEDO (03h) is set to 0.
LSM6DSR
Page 1 - Embedded advanced features registers
DS11976 - Rev 2
page 129/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com