Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 4Page - Linear Technology LTC4230IGN Datasheet HTML 5Page - Linear Technology LTC4230IGN Datasheet HTML 6Page - Linear Technology LTC4230IGN Datasheet HTML 7Page - Linear Technology LTC4230IGN Datasheet HTML 8Page - Linear Technology LTC4230IGN Datasheet HTML 9Page - Linear Technology LTC4230IGN Datasheet HTML 10Page - Linear Technology LTC4230IGN Datasheet HTML 11Page - Linear Technology LTC4230IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
LTC4230
4230f
FB3 (Pin 1): The FB3 (Feedback) pin is an input to the
FBCOMP3 comparator which monitors the VCC3 output
supply voltage through an external resistor divider. If VFB3
< 1.234V, RESET 3 pin pulls low. An internal glitch filter at
FBCOMP3’s output prevents triggering a reset condition
due to negative voltage transients. If VFB3 > 1.237V,
RESET 3 pin goes high after exiting undervoltage lockout.
RESET 3 (Pin 2): An open-drain N-channel device whose
source connects to GND (Pin 14). This pin pulls low if the
voltage at FB3 (Pin 1) falls below the FB3 threshold
(1.234V). This pin requires an external pull-up resistor to
VOUT3. If an undervoltage lockout condition occurs,
RESET 3 pulls low independently of FB3 to prevent false
glitches.
GATE 3 (Pin 3): The output signal at this pin is the high side
gate drive for Channel 3’s external N-channel MOSFET
pass transistor. An internal charge pump produces a 4.5V
(minimum) to 18V (maximum) gate drive voltage for VCC1
supply voltages from 2.7V to 16.5V, respectively.
As shown in the Block Diagram for each channel, an
internal charge pump supplies a 10
µA gate current and
sufficient gate voltage drive to the external MOSFET. The
internal charge pump produces a minimum 4.5V gate
drive for VCC1 < 4.75V. For VCC1 > 4.75V, the minimum
gate voltage drive is 9V. For VCC1 ≥ 12V, the minimum gate
voltage drive is 7V which is set by an internal zener diode
clamp connected between the GATE 3 pin and GND.
SENSE 3 (Pin 4): Circuit Breaker Sense Pin for Channel 3.
With a sense resistor placed in the power path between
VCC3 and SENSE 3, Channel 3’s electronic circuit breaker
trips if the voltage across the sense resistor (VCC3 –
VSENSE3) exceeds the thresholds set internally for SLOW
COMP3 and FAST COMP3, as shown in the Block Diagram.
The threshold for SLOW COMP3 is VCB(SLOW) = 50mV, and
the electronic circuit breaker trips if the voltage across
RSENSE3 exceeds 50mV for 10µs, or for the time delay
programmed by CFILTER. To adjust SLOW COMP3’s delay,
please refer to the section on Adjusting SLOW COMP
n’s
Response Time.
Under transient conditions where large step current
changes can and do occur over shorter periods of time, a
PI FU CTIO S
second (fast) comparator instead trips the electronic
circuit breaker. The threshold for FAST COMP3 is set at
VCB(FAST) = 150mV, and the circuit breaker trips if the
voltage across the RSENSE3 exceeds 150mV for more than
500ns. FAST COMP3’s delay is fixed in the LTC4230 and
cannot be adjusted. To disable Channel 3’s electronic
circuit breaker, connect the VCC3 and SENSE 3 pins
together.
VCC3 (Pin 5): Positive Supply Input for Channel 3. VCC3
operates from 1.7V to 15.5V (VCC3 ≤ VCC1 – 1V) and its
supply current, ICC3, is typically 65µA. The master UVLO
circuit disables all three GATE
n outputs of the LTC4230
until the voltage at VCC3 exceeds 1.19V.
VCC1 (Pin 6): This is the positive supply input to the
LTC4230, the power supply input for Channel 1, and the
power supply input for all three internal charge pumps.
The LTC4230 operates from 2.7V to 16.5V, and the ICC1
supply current is typically 1.8mA. The master UVLO circuit
disables all three GATE
n outputs of the LTC4230 if VCC1 is
less than 2.35V. The internal charge pump outputs are
enabled when VCC1 > 2.35V, VCC2 > 2.15V, and
VCC3 > 1.19V.
SENSE 1 (Pin 7): Circuit Breaker Sense Pin for Channel 1.
With a sense resistor placed in the power path between
VCC1 and SENSE 1, Channel 1’s electronic circuit breaker
trips if the voltage across the sense resistor (VCC1 –
VSENSE1) exceeds the thresholds set internally for SLOW
COMP1 and FAST COMP1, as shown in the Block Diagram.
The threshold for SLOW COMP1 is VCB(SLOW) = 50mV, and
the electronic circuit breaker trips if the voltage across
RSENSE1 exceeds 50mV for 10µs, or for the time delay
programmed by CFILTER. To adjust SLOW COMP1’s delay,
please refer to the section on Adjusting SLOW COMP
n’s
Response Time.
Undertransientconditionswherelargestepcurrentchanges
can and do occur over shorter periods of time, a second
(fast) comparator instead trips the electronic circuit breaker.
The threshold for FAST COMP1 is set at VCB(FAST) = 150mV,
and the circuit breaker trips if the voltage across the
RSENSE1 exceeds 150mV for more than 500ns. FAST
COMP1’s delay is fixed in the LTC4230 and cannot be
adjusted. To disable Channel 1’s electronic circuit breaker,
connect the VCC1 and SENSE 1 pins together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com