Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 5Page - Linear Technology LTC4230IGN Datasheet HTML 6Page - Linear Technology LTC4230IGN Datasheet HTML 7Page - Linear Technology LTC4230IGN Datasheet HTML 8Page - Linear Technology LTC4230IGN Datasheet HTML 9Page - Linear Technology LTC4230IGN Datasheet HTML 10Page - Linear Technology LTC4230IGN Datasheet HTML 11Page - Linear Technology LTC4230IGN Datasheet HTML 12Page - Linear Technology LTC4230IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
LTC4230
4230f
PI FU CTIO S
GATE 1 (Pin 8): The output signal at this pin is the high side
gate drive for Channel 1’s external N-channel FET pass
transistor. An internal charge pump produces a 4.5V
(minimum) to 18V (maximum) gate drive voltage for
supplies in the range of 2.7V
≤ VCC1 ≤ 16.5V, respectively.
As shown in the Block Diagram, each channel’s internal
charge pump is powered by VCC1 and supplies a 10µA gate
current and sufficient gate voltage drive to the external
FET. The internal charge pump produces a minimum 4.5V
gate voltage drive for VCC1 < 4.75V. For VCC1 > 4.75V, the
minimum gate voltage drive is 9V. For VCC1 ≥ 12V, the
minimum gate voltage drive is 7V which is set by an
internal zener diode clamp connected between the GATE 1
pin and GND.
RESET 1 (Pin 9): An open-drain N-channel device whose
source connects to GND (Pin 14). This pin pulls low if the
voltage at FB1 (Pin 10) falls below the FB1 threshold
(1.234V). During the start-up cycle, RESET 1 goes high
impedance at the end of the second timing cycle after FB1
goes above the FB1 threshold. This pin requires an exter-
nal pull-up resistor to VOUT1. If an undervoltage lockout
condition occurs, RESET 1 pulls low independently of FB1
to prevent false glitches.
FB1 (Pin 10): The FB1 (Feedback) pin is an input to the
FBCOMP1 comparator which monitors the VCC1 output
supply voltage through an external resistor divider. If VFB1
< 1.234V, RESET 1 pin pulls low. An internal glitch filter at
FBCOMP3’s output prevents triggering a reset condition
due to negative voltage transients. If VFB1 > 1.237V after
the second timing cycle, RESET 1 goes high.
FILTER (Pin 11): Overcurrent Fault Timing Pin and Over-
voltage Fault Set Pin. With a capacitor connected from this
pin to ground, the response time of all three SLOW COMP
comparators can be adjusted. Note that the response time
of the SLOW COMP comparators cannot be adjusted
individually.
TIMER (Pin 12): A capacitor connected from this pin to
GND sets the LTC4230’s system timing. The LTC4230’s
initial and second start-up timing cycles and its discharge
mode delay time are controlled by this capacitor.
FAULT (Pin 13): FAULT is a dual function (an input and an
output) internal to the LTC4230. Connected to this pin are
an analog comparator (COMP6) and an open-drain
N-channel FET. During normal operation, if COMP6 is
driven below 1.234V, all electronic circuit breakers trip
and each GATE pin pulls low. Referring to the Block
Diagram, FAULT incorporates an internal 2
µA current
source pull up. This allows the LTC4230 to begin a second
timing cycle (VFAULT > 1.284V) and start up properly. This
also allows the use of the FAULT pin as a status output.
Under normal operating conditions, the FAULT output is a
logic high. Two conditions cause an active low on FAULT:
1) the LTC4230’s electronic circuit breakers trip because
of an output short circuit (VOUTn = 0V) or because of a fast
output overcurrent transient (FAST COMP
n trips its circuit
breaker); or 2) VFILTER > 1.26V. The FAULT output is driven
to logic low and is latched logic low until the ON pin is
driven to logic low for 30
µs (the tRESET duration).
GND (Pin 14): Device Ground Connection. Connect this
pin to the system’s analog ground plane.
ON (Pin 15): An active high signal used to enable or disable
LTC4230 operation. As shown in the LTC4230 Block
Diagram, COMP1’s threshold is set at 1.234V and its
hysteresis is set at 80mV. If a logic high signal is applied
to the ON pin (VON > 1.314V), the first timing cycle begins
if an overvoltage condition does not exist on any of the
GATE
n pins (Pins 3, 8, and 18). If a logic low signal is
applied to the ON pin (VON < 1.234V), each GATEn pin is
pulled low by an internal, dedicated 200
µA current sink.
The ON pin can also be used to reset all three electronic
circuit breakers. If the ON pin is cycled low for more than 1
tRESETn(MAX) period and then high following a circuit
breaker trip, all internal circuit breakers are reset and the
LTC4230 begins a new start-up cycle.
VCC2 (Pin 16): Positive Supply Input for Channel 2. VCC2
operates from 2.375V to 16.5V and its supply current,
ICC2, is typically 75µA. The master UVLO circuit disables
all three GATE
n outputs of the LTC4230 until the voltage
at VCC2 exceeds 2.15V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com