Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 14Page - Linear Technology LTC4230IGN Datasheet HTML 15Page - Linear Technology LTC4230IGN Datasheet HTML 16Page - Linear Technology LTC4230IGN Datasheet HTML 17Page - Linear Technology LTC4230IGN Datasheet HTML 18Page - Linear Technology LTC4230IGN Datasheet HTML 19Page - Linear Technology LTC4230IGN Datasheet HTML 20Page - Linear Technology LTC4230IGN Datasheet HTML 21Page - Linear Technology LTC4230IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
18
LTC4230
4230f
USING AN EXTERNAL GATE CAPACITOR
The LTC4230 automatically limits the inrush current in one
of two ways: by controlling the GATE
n pin voltage slew rate
or by actively limiting the inrush current. The LTC4230
uses GATE
n voltage slew rate limiting when CLOADn is
small and/or the inrush current limit is set high. If GATE
n
voltage slew rate control is preferred with large CLOADn, an
external capacitor (CGX)canbeusedfromGATEntoground,
as shown in Figure 7. According to Equation 3, adding CGX
slows the GATE
n voltage slew rate at the expense of slower
system turn-on and turn-off time. Should this technique
be used, values for CGX less than 150nF are recommended.
ELECTRONIC CIRCUIT BREAKER
The LTC4230 features an electronic circuit breaker func-
tion. It disconnects loads from power supplies when
shorts or excessive load current conditions occur on any
of the supplies and generates a FAULT signal. If a circuit
breaker trips, its GATE
n pin is immediately pulled to
ground, the external N-channel MOSFET is quickly turned
OFF and FAULT is latched low.
The circuit breaker trips whenever the voltage across the
sense resistor exceeds two different levels, each level set
by the LTC4230’s SLOW COMP
n and FAST COMPn (see
Block Diagram). The SLOW COMP
n trips the circuit
breaker if the voltage across the SENSE
n resistor
(VCCn – VSENSEn = VCB) is greater than 50mV for 10µs.
There may be applications where this comparator’s re-
sponse time is not long enough, for example, because of
excessive supply voltage noise. To adjust the response
time of the SLOW COMP
n, a capacitor is used at the
LTC4230’s FILTER pin (see section on Adjusting SLOW
COMP
n’s Response Time). The FAST COMPn trips the
circuit breaker to protect against fast load overcurrents if
the transient voltage across the sense resistor is greater
than 150mV for 500ns. The response time of the LTC4230’s
FAST COMP
n is fixed.
The timing diagram of Figure 6 illustrates when the
LTC4230’s electronic circuit breaker is armed. After the
first timing cycle, the LTC4230’s FAST COMP
n is armed
at Time Point 5. Arming FAST COMP
n at Time Point 5
ensures that the system is protected against a short-
circuit condition during the second timing cycle after
CLOADn has been fully charged. At Time Point 8, SLOW
COMP
n is armed when the internal control loop is disen-
gaged.
The timing diagrams in Figures 8 and 9 illustrate the opera-
tion of the LTC4230 when the load current conditions exceed
the thresholds of the FAST COMP
n (VCB(FAST) > 150mV)
and SLOW COMP
n (VCB(SLOW) > 50mV), respectively.
4
3
2
1
M1
Si4410DY
RSENSE
0.007
Ω
CGX*
CLOAD
4230 F07
+
VCCn
SENSE
n
LTC4230**
GATE
n
FB
n
R1
36k
VOUT
5V
5A
VIN
5V
R2
15k
*
**
VALUES
≤150nF SUGGESTED
ADDITIONAL DETAILS OMITTED
FOR CLARITY
=
dVGATEn
dt
VGATE SLEW RATE CONTROL
10
µA
CGATE + CGX
()
Figure 7. Using an External Capacitor at GATE for
GATE Voltage Slew Rate Control and Large CLOAD
An external gate capacitor may also be useful to decrease
or eliminate current spikes through the MOSFET when
power is first applied. At power-up, the instantaneous in-
put voltage step attempts to pull the MOSFET gate up
through the MOSFET’s drain-to-gate capacitance. If the
MOSFET’s CISS is small, the gate can be pulled up high
enough to turn on the MOSFET, thereby allowing a current
spike to the output. This event occurs during the time that
the LTC4230 is coming out of UVLO and getting its intel-
ligence to hold the GATE pin low. An external capacitor
attenuates the voltage to which the GATE is pulled up and
eliminates the current spike. The value required is depen-
dent on the MOSFET capacitance specifications. In typical
applications, this capacitor is not required.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com