Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 24Page - Linear Technology LTC4230IGN Datasheet HTML 25Page - Linear Technology LTC4230IGN Datasheet HTML 26Page - Linear Technology LTC4230IGN Datasheet HTML 27Page - Linear Technology LTC4230IGN Datasheet HTML 28Page - Linear Technology LTC4230IGN Datasheet HTML 29Page - Linear Technology LTC4230IGN Datasheet HTML 30Page - Linear Technology LTC4230IGN Datasheet HTML 31Page - Linear Technology LTC4230IGN Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
LTC4230
4230f
APPLICATIO S I FOR ATIO
AUTORETRY AFTER A FAULT
To configure the LTC4230 to automatically retry after a
fault condition, the FAULT (which has an internal 2
µA pull-
up current source) and ON pins can be connected to-
gether, as shown in Figure 18. In this case, the autoretry
circuitry will attempt to restart the LTC4230 with an 7%
duty cycle, as shown in the timing diagram of Figure 19. To
prevent overheating the external MOSFET and other com-
ponents during the autoretry sequence, adding a capacitor
(CAUTO) to the circuit introduces a delay at the ON pin that
adjusts the autoretry duty cycle. Equation 14 gives the
autoretry duty cycle, modified by the external time con-
stant CAUTO:
Autoretry Duty Cycle
=
+
t
tt
TIMER
OFF
TIMER
14 5
100
.•
•% (14)
where tTIMER = LTC4230 system time constant (see TIMER
function) and
t
CV
A
OFF
AUTO
=
µ
•.
1 314
2
For the values shown, the external delay equals 65.7ms
and the autoretry duty cycle drops from 7% to 4%.
To increase the RC delay, the user may either increase
CAUTO or RAUTO.
OVERVOLTAGE TRANSIENT PROTECTION
Good engineering practice calls for bypassing the supply
rail of any analog circuit. Bypass capacitors are often
placed at the supply connection of every active device, in
addition to one or more large value bulk bypass capacitors
per supply rail. If power is connected abruptly, the large
bypass capacitors slow the rate of rise of the supply
voltage and heavily damp any parasitic resonance of lead
or PC track inductance working against the supply bypass
capacitors.
CHECK FOR
TIMER < 0.3V
1
3
7
6
5
8
4
FIRST TIMING CYCLE
4230 F19
SECOND TIMING CYCLE
DISCHARGING MODE
NORMAL MODE
CHECK FOR FILTER LOW (< VREF)
CHECK FOR FAULT HIGH (> VREF + 50mV)
2
CHECK FOR GATE
n < 0.25V
FAST COMPARATOR
ARMED
SLOW COMPARATOR
ARMED
ONCE VFILTER > 1.26V, CIRCUIT BREAKER TRIPS,
ALL GATE
n PINS PULL LOW IMMEDIATELY
20
µA PULL-UP
1.6
µA PULL-DOWN
2
µA PULL-UP
VFILTER > 1.26V
VREF
10
µA PULL-DOWN
LOAD CURRENT < 150mV/RSENSEn
20
µA PULL-UP
9
ON/
TIMER
GATE
n
VOUTn
ILOADn
FILTER
FAULT
GATE
n
VOUTn
VSENSEn = 50mV
REGULATED
LOAD
CURRENT
Figure 19. Autoretry Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com