Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 6Page - Linear Technology LTC4230IGN Datasheet HTML 7Page - Linear Technology LTC4230IGN Datasheet HTML 8Page - Linear Technology LTC4230IGN Datasheet HTML 9Page - Linear Technology LTC4230IGN Datasheet HTML 10Page - Linear Technology LTC4230IGN Datasheet HTML 11Page - Linear Technology LTC4230IGN Datasheet HTML 12Page - Linear Technology LTC4230IGN Datasheet HTML 13Page - Linear Technology LTC4230IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
LTC4230
4230f
SENSE 2 (Pin 17): Circuit Breaker Sense Pin for Chan-
nel 2. With a sense resistor placed in the power path
between VCC2 and SENSE 2, Channel 2’s electronic circuit
breaker trips if the voltage across the sense resistor (VCC2
– VSENSE2) exceeds the thresholds set internally for SLOW
COMP2 and FAST COMP2, as shown in the Block Diagram.
The threshold for SLOW COMP2 is VCB(SLOW) = 50mV and
the electronic circuit breaker trips if the voltage across
RSENSE2 exceeds 50mV for 10µs, or for the time delay
programmed by CFILTER. To adjust SLOW COMP2’s delay,
please refer to the section on Adjusting SLOW COMP
n’s
Response Time.
Under transient conditions where large step current
changes can and do occur over shorter periods of time, a
second (fast) comparator instead trips the electronic
circuit breaker. The threshold for FAST COMP2 is set at
VCB(FAST) = 150mV, and the circuit breaker trips if the
voltage across the RSENSE2 exceeds 150mV for more than
500ns. FAST COMP2’s delay is fixed in the LTC4230 and
cannot be adjusted. To disable Channel 2’s electronic
circuit breaker, connect the VCC2 and SENSE 2 pins
together.
GATE 2 (Pin 18): The output signal at this pin is the high
side gate drive for Channel 2’s external N-channel FET
pass transistor. An internal charge pump produces a 4.5V
(minimum) to 18V (maximum) gate drive voltage for VCC1
supply voltages from 2.7V to 16.5V, respectively.
As shown in the Block Diagram for each channel, an
internal charge pump supplies a 10
µA gate current and
sufficient gate voltage drive to the external FET. The
internal charge pump produces a minimum 4.5V gate
drive for VCC1 < 4.75V. For VCC1 > 4.75V, the minimum
gate voltage drive is 9V. For VCC1 ≥ 12V, the minimum gate
voltage drive is 7V which is set by an internal zener diode
clamp connected between the GATE 2 pin and GND.
RESET 2 (Pin 19): An open-drain N-channel device whose
source connects to GND (Pin 14). This pin pulls low if the
voltage at FB2 (Pin 20) falls below the FB2 threshold
(1.234V). This pin requires an external pull-up resistor to
VOUT2. If an undervoltage lockout condition occurs, the
RESET 2 pin pulls low independently of FB2 to prevent
false glitches.
FB2 (Pin 20): The FB2 (Feedback) pin is an input to the
FBCOMP2 comparator which monitors the VCC2 output
supply voltage through an external resistor divider. If VFB2
< 1.234V, RESET 2 pulls low. An internal glitch filter at
FBCOMP3’s output prevents triggering a reset condition
due to negative voltage transients. If VFB2 > 1.237V,
RESET 2 pin goes high after exiting undervoltage lockout.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com