Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 20Page - Linear Technology LTC4230IGN Datasheet HTML 21Page - Linear Technology LTC4230IGN Datasheet HTML 22Page - Linear Technology LTC4230IGN Datasheet HTML 23Page - Linear Technology LTC4230IGN Datasheet HTML 24Page - Linear Technology LTC4230IGN Datasheet HTML 25Page - Linear Technology LTC4230IGN Datasheet HTML 26Page - Linear Technology LTC4230IGN Datasheet HTML 27Page - Linear Technology LTC4230IGN Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
LTC4230
4230f
maximum rating for VGS is typically ±20V for standard
MOSFETs. However, the VGS maximum rating for logic-
level MOSFETs ranges from
±8V to ±20V depending upon
the manufacturer and the specific part number. The
LTC4230’s gate overdrive as a function of VCC is illustrated
in the Typical Performance curves. Logic-level MOSFETs
are recommended for low supply voltage applications and
standard MOSFETs can be used for applications where
supply voltage is greater than 4.75V.
Note that in some applications, the gate of the external
MOSFET can discharge faster than the output voltage
when the circuit breaker is tripped. This causes a negative
VGS voltage on the external MOSFET. Usually, the selected
external MOSFET should have a
±VGS(MAX) rating that is
higher than the operating input supply voltage to ensure
that the external MOSFET is not destroyed by a negative
VGS voltage. In addition, the ±VGS(MAX) rating of the
MOSFET must be higher than the gate overdrive voltage.
Lower
±VGS(MAX) rating MOSFETs can be used with the
LTC4230 if the GATE
n overdrive is clamped to a lower
voltage. The circuit in Figure 13 illustrates the use of zener
diodes to clamp the LTC4230’s GATE
n overdrive signal if
lower voltage MOSFETs are used.
The RDS(ON) of the external pass transistor should be low
to make its drain-source voltage (VDS) a small percentage
of VCC. At a VCC = 2.5V, VDS + VRSENSE = 0.1V yields 4%
error at the output voltage. This restricts the choice of
MOSFETs to very low RDS(ON). At higher VCC voltages, the
VDS requirement can be relaxed in which case MOSFET
package dissipation (PD and TJ) may limit the value of
RDS(ON). Table 5 lists some power MOSFETs that can be
used with the LTC4230.
Power MOSFET junction temperature is dependent on four
parameters: current delivered to the load, ILOAD, RDS(ON),
junction-to-ambient thermal resistance,
θJA,andthemaxi-
mum ambient temperature to which the circuit will be
exposed, TA(MAX). For reliable circuit operation, the maxi-
mum junction temperature (TJ(MAX)) for a power MOSFET
should not exceed the manufacturer’s recommended value.
This includes normal mode operation, start-up, current-
limit and autoretry mode in a fault condition. For a given
set of conditions, the junction temperature of a power
MOSFET is given by Equation 13:
MOSFET Junction Temperature,
TJ(MAX) ≤ (TA(MAX) + θJA • PD)
(13)
where
PD = (ILOAD)2 • RDS(ON)
PCB layout techniques for optimal thermal management
of power MOSFET power dissipation help to keep device
θJA as low as possible. See the section on PCB Layout
Considerations for more information.
VCC
VOUT
*USER SELECTED VOLTAGE CLAMP
(A LOW BIAS CURRENT ZENER DIODE IS RECOMMENDED)
1N4688 (5V)
1N4692 (7V): LOGIC-LEVEL MOSFET
1N4695 (9V)
1N4702 (15V): STANDARD-LEVEL MOSFET
4230 F13
RSENSE
RG
200
Ω
GATE
D1*
D2*
Q1
Figure 13. Optional Gate Clamp for Lower VGS(MAX) MOSFETs
USING STAGGERED PIN CONNECTORS
The LTC4230 can be used on either a printed circuit board
or on the backplane side of the connector, and examples
for both are shown in Figure 14. Printed circuit board edge
connectors with staggered pins are recommended as the
insertion and removal of circuit boards do sequence the
pin connections. Supply voltage and ground connections
on the printed circuit board should be wired to the edge
connector’s long pins or blades. Control and status sig-
nals (like RESET
n, FAULT and ON) passing through the
card’s edge connector should be wired to short length pins
or blades.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com