Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 16Page - Linear Technology LTC4230IGN Datasheet HTML 17Page - Linear Technology LTC4230IGN Datasheet HTML 18Page - Linear Technology LTC4230IGN Datasheet HTML 19Page - Linear Technology LTC4230IGN Datasheet HTML 20Page - Linear Technology LTC4230IGN Datasheet HTML 21Page - Linear Technology LTC4230IGN Datasheet HTML 22Page - Linear Technology LTC4230IGN Datasheet HTML 23Page - Linear Technology LTC4230IGN Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
LTC4230
4230f
Figure 9. Output Short-Circuit Causes Slow Comparator to Trip Circuit Breaker
1
3
6
5
7
4
20
µA PULL-UP
20
µA PULL-UP
150mV/RSENSEn > LOAD CURRENT > 50mV/RSENSEn
4230 F09
CHECK FOR FILTER LOW (< VREF)
CHECK FOR FAULT HIGH (> VREF + 50mV)
2
CHECK FOR GATE
n < 0.25V
FAST COMPARATOR
ARMED
SLOW COMPARATOR
ARMED
CIRCUIT BREAKER TRIPS,
ALL GATE
n PINS PULL
LOW IMMEDIATELY
ON
TIMER
FAULT
GATE
n
GATE
n
VOUTn
VOUTn
IOUTn
FILTER
1.6
µA PULL-DOWN
10
µA PULL-DOWN
1.26V
2
µA PULL-UP
8
9
CHECK FOR TIMER < 0.3V
LOAD CURRENT < 50mV/RSENSEn
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com