Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 8Page - Linear Technology LTC4230IGN Datasheet HTML 9Page - Linear Technology LTC4230IGN Datasheet HTML 10Page - Linear Technology LTC4230IGN Datasheet HTML 11Page - Linear Technology LTC4230IGN Datasheet HTML 12Page - Linear Technology LTC4230IGN Datasheet HTML 13Page - Linear Technology LTC4230IGN Datasheet HTML 14Page - Linear Technology LTC4230IGN Datasheet HTML 15Page - Linear Technology LTC4230IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
LTC4230
4230f
HOT CIRCUIT INSERTION
When circuit boards are inserted into or removed from live
backplanes, the supply bypass capacitors can draw huge
transient currents from the backplane power bus as they
charge. The transient currents can cause permanent dam-
age to the connector pins as well as cause glitches on the
system supply, causing other boards in the system to
reset.
The LTC4230 is designed to turn a printed circuit board’s
supply voltages on and off in a controlled manner, allow-
ing the circuit board to be safely inserted or removed from
a live backplane. The device provides a system reset signal
to indicate when board supply voltage drops below a pre-
determined level, as well as a dual function fault monitor.
OUTPUT VOLTAGE MONITOR
The LTC4230 uses a 1.234V bandgap reference, precision
voltage comparators and external resistor dividers to
monitor the output supply voltages as shown in Figure 1.
The operation of the supply monitor in normal mode is il-
lustrated in Figure 2. RESET 1 pulls low during an
undervoltage lockout condition. It remains low until the end
of the soft-start cycle (second timing cycle). FB1 then
assumes control of RESET 1 status. RESET 2 and RESET 3
also pull low during undervoltage lockout. However, FB2
controls RESET 2 and FB3 controls RESET 3 status imme-
diately after clearing UVLO (Figure 2, Time Points 5 and 6).
If the voltage at FB
n drops below its reset threshold
(1.234V), the FBCOMP comparator output pulls high.
After passing through a glitch filter, RESET
n changes
state. If the voltage at FB
n increases above its reset
threshold, the FBCOMP comparator output changes state
and RESET
n pulls high.
+
SENSE
n
RSENSE
R2
R1
R3
10k
VCCn
VOUT
GATE
n
LTC4230
15
FB
n
MR
n
GND
ON
4230 F01
RESET
n
CTIMER
12
TIMER
14
CLOAD
Q1
LOGIC
TIMER
1.234V
REFERENCE
FBCOMP
n
µP
RESET
4
3
2
1
SHORT
LONG
VCC
ON/RESET
GND
LONG
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
–
+
Figure 1. Supply Voltage Monitor Block Diagram
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com