Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 11Page - Linear Technology LTC4230IGN Datasheet HTML 12Page - Linear Technology LTC4230IGN Datasheet HTML 13Page - Linear Technology LTC4230IGN Datasheet HTML 14Page - Linear Technology LTC4230IGN Datasheet HTML 15Page - Linear Technology LTC4230IGN Datasheet HTML 16Page - Linear Technology LTC4230IGN Datasheet HTML 17Page - Linear Technology LTC4230IGN Datasheet HTML 18Page - Linear Technology LTC4230IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15
LTC4230
4230f
Ensuring a proper start-up sequence is also dependent on
selecting the most appropriate value for CTIMER for the
application. Long timing periods affect overall system
start-up times. A timing period set too short and the
system may never start up. A good starting point is to set
CTIMER = 1µF and then adjust its value accordingly for the
application.
OPERATING SEQUENCE
Power-Up, Start-Up Check and Plug-In Timing Cycle
The sequence of operations for the LTC4230 is illustrated
in the timing diagram of Figure 5. When a PC board is first
inserted into a live backplane, the LTC4230 first performs
1
3
6
7
4 5
FIRST TIMING CYCLE
20
µA PULL-UP
20
µA PULL-UP
4230 F05
NORMAL MODE
SECOND TIMING
CYCLE
CHECK FOR FILTER LOW (< VREF)
CHECK FOR FAULT HIGH (> VREF + 50mV)
2
CHECK FOR GATE
n < 0.2V
FAST COMPARATOR
ARMED
IF ON IS LOW AND
VFBn < 1.234V,
RESET 1, RESET 2 AND RESET 3
PULL LOW, RESPECTIVELY
ON
TIMER
GATE
n
VOUTn
RESET 1
RESET 2,
RESET 3
10
µA PULL-UP
200
µA PULL-DOWN
SLOW COMPARATOR ARMED
8
9
POWER GOOD
(VFBn > 1.237V)
POWER BAD
(VFBn < 1.234V)
200
µA PULL-DOWN
Figure 5. Normal Power-Up Sequence
Table 1. tTIMER vs CTIMER
CTIMER
tTIMER
0.1
µF
6.2ms
0.22
µF
13.6ms
0.33
µF
20.4ms
0.47
µF
29ms
0.68
µF
42ms
0.82
µF
50.6ms
1
µF
61.7ms
2.2
µF
136ms
3.3
µF
204ms
4.7
µF
290ms
6.8
µF
420ms
8.2
µF
506ms
10
µF
617ms
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com