Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 23Page - Linear Technology LTC4230IGN Datasheet HTML 24Page - Linear Technology LTC4230IGN Datasheet HTML 25Page - Linear Technology LTC4230IGN Datasheet HTML 26Page - Linear Technology LTC4230IGN Datasheet HTML 27Page - Linear Technology LTC4230IGN Datasheet HTML 28Page - Linear Technology LTC4230IGN Datasheet HTML 29Page - Linear Technology LTC4230IGN Datasheet HTML 30Page - Linear Technology LTC4230IGN Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
LTC4230
4230f
4
3
2
1
10
µA
FB
n
RZX
LTC4230*
VCCn
SENSE
n
VZ (TYP) = 26V
RSENSE
VCC > 15V
200
µA
10
µA
CHARGE
PUMP
R2
*ADDITIONAL DETAILS OMITTED FOR CLARITY
4230 F17
R1
VOUT
LOGIC
Figure 17. Using an External Resistor to Limit
Zener Current in High VCC Applications
Figure 18. Autoretry Application
HIGH SUPPLY VOLTAGE OPERATION
CONSIDERATIONS
The LTC4230 can be used with supply voltages ranging
from 1.7V to 16.5V. At high input supply voltages, the
internal charge pump produces a minimum gate drive
voltage of 7V for VCC > 15V. This minimum voltage drive
is derived by an internal zener diode clamp circuit, as
shown in Figure 17. During PC board insertion or removal,
sufficient transient current may flow through this zener
diode. To limit the amount of current during transient
events, an optional small resistor between the LTC4230’s
GATE
n pin and the gate of the external MOSFET can be
used, as shown in Figure 17. A secondary benefit of this
component is to minimize the possibility of high frequency
parasitic oscillations in the power MOSFET.
APPLICATIO S I FOR ATIO
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
VCC1
3.3V
LONG
VCC2
2.5V
LONG
VCC3
1.8V
LONG
SHORT
RAUTO
1M
FAULT
GND
LONG
RSENSE2
0.007
Ω
CX2
100nF
CX1
100nF
RX2
10
Ω
M2
IRF7413
VCC1
GND
ON
FAULT
14
67
8
16
17
18
5
4
3
FB3
1
15
13
SENSE 1
GATE 1
TIMER
FILTER
VCC2
SENSE 2
GATE 2
SENSE 3
GATE 3
VCC3
RESET 3
2
RSENSE3
0.007
Ω
RX1
10
Ω
R8
5.1k
R9
12k
M3
IRF7413
VOUT1
3.3V
5A
VOUT2
2.5V
5A
VOUT3
1.8V
5A
RSENSE1
0.007
Ω
CX3
100nF
RX3
10
Ω
CTIMER*
0.1
µF
CFILTER**
15pF
CAUTO
0.1
µF
M1
IRF7413
Z3
Z2
Z1
* SYSTEM ON TIME: 6.2ms
**CIRCUIT BREAKER RESPONSE TIME: 19.5
µs
Z1, Z2, Z3: Z1: SMAJ10
NOTE: M1 MOUNTED TO 300mm COPPER AREA
WITHOUT CAUTO YIELDS 8% AND M1 CASE = 65°C
WITH CAUTO = 0.1µF YIELDS 4% and M1 CASE = 45°C
RESET 2
19
FB2
20
R7
10k
RESET 1
9
FB1
10
11
12
R10
11k
R11
12k
R6
10k
R12
18k
R13
12k
4230 F18
R5
10k
MASTER
RESET
3-INPUT
NOR GATE
µP OR
SYSTEM LOGIC
COUT3
COUT2
COUT1
LTC4230
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com