Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC4230IGN Datasheet HTML 1Page - Linear Technology LTC4230IGN Datasheet HTML 2Page - Linear Technology LTC4230IGN Datasheet HTML 3Page - Linear Technology LTC4230IGN Datasheet HTML 4Page - Linear Technology LTC4230IGN Datasheet HTML 5Page - Linear Technology LTC4230IGN Datasheet HTML 6Page - Linear Technology LTC4230IGN Datasheet HTML 7Page - Linear Technology LTC4230IGN Datasheet HTML 8Page - Linear Technology LTC4230IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LTC4230
4230f
TYPICAL PERFOR A CE CHARACTERISTICS
VCC1 SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
18
4230 G10
280
260
240
220
200
180
160
140
120
VCC2 = 2.5V
VCC3 = 1.8V
VGATEn = 2.5V
–40
°C
25
°C
85
°C
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G11
20
18
16
14
12
10
VCC2 = 2.5V
VCC3 = 1.8V
VGATEn = 5V
–40
°C
25
°C
85
°C
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G12
12
11
10
9
8
7
6
–40
°C
25
°C
85
°C
VCC1 SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
18
4230 G13
16
14
12
10
8
6
4
2
0
VCC2 = VCC1
VCC3 = VCC1 – 1V
VGATE1 = VGATE2
VGATE3
TEMPERATURE (
°C)
–75
125
4230 G14
–25
25
75
–50
150
0
50
100
16
14
12
10
8
6
4
VCC1 = 15V
VCC1 = 5V
VCC1 = 12V
VCC1 = 3.3V
VCC1 = 2.7V
TEMPERATURE (
°C)
–75
125
4230 G15
–25
25
75
–50
150
0
50
100
0.5
0.4
0.3
0.2
0.1
0
VCC1 = 3.3V
VCC2 = 2.5V
VCC3 = 1.8V
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G16
0.5
0.4
0.3
0.2
0.1
0
VCC2 = 2.5V
VCC3 = 1.8V
TEMPERATURE (
°C)
–75
125
4230 G17
–25
25
75
–50
150
0
50
100
1.239
1.238
1.237
1.236
1.235
1.234
1.233
1.232
VFBn HIGH
VFBn LOW
VCC1 = 3.3V
VCC2 = 2.5V
VCC3 = 1.8V
VCC1 SUPPLY VOLTAGE (V)
4230 G18
1.238
1.237
1.236
1.235
1.234
1.233
0
2
4
6
8
10
12
14
16
18
FB HIGH
FB LOW
Normal GATE
n Pull-Down Current
vs VCC1 Supply Voltage
VGATEn – VCCn vs VCC1 Supply
Voltage
GATE
n Overvoltage Lockout
Threshold vs VCC1 Supply Voltage
Fast GATE
n Pull-Down Current vs
VCC1 Supply Voltage
GATE
n Output Source Current
(Pull-Up) vs VCC1 Supply Voltage
VGATE1 – VCC1 vs Temperature
GATE
n Overvoltage Lockout
Threshold vs Temperature
VFBn Threshold Voltage vs
Temperature
VFBn Threshold Voltage vs VCC1
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com