Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 2Page - Linear Technology LTC4230IGN Datasheet HTML 3Page - Linear Technology LTC4230IGN Datasheet HTML 4Page - Linear Technology LTC4230IGN Datasheet HTML 5Page - Linear Technology LTC4230IGN Datasheet HTML 6Page - Linear Technology LTC4230IGN Datasheet HTML 7Page - Linear Technology LTC4230IGN Datasheet HTML 8Page - Linear Technology LTC4230IGN Datasheet HTML 9Page - Linear Technology LTC4230IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LTC4230
4230f
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–75
125
4230 G19
–25
25
75
–50
150
0
50
100
–1.6
–1.8
–2.0
–2.2
–2.4
–2.6
VCC1 = 3.3V
VCC1 = 2.7V
VCC1 = 5V
VCC1 = 16.5V VCC1 = 12V
VCC2 = 2.5V
VCC3 = 1.8V
TEMPERATURE (
°C)
–75
125
4230 G20
–25
25
75
–50
150
0
50
100
12.0
11.2
10.4
9.6
8.8
8.0
VCC2 = 2.5V
VCC3 = 1.8V
VCC1 = 16.5V
VCC1 = 12V
VCC1 = 5V
VCC1 = 2.7V
VCC1 = 3.3V
TEMPERATURE (
°C)
–75
125
4230 G21
–25
25
75
–50
150
0
50
100
1.30
1.28
1.26
1.24
1.22
1.20
1.18
1.16
1.14
VCC2 = 2.5V
VCC3 = 1.8V
VCC1 = 16.5V
VCC1 = 12V
VCC1 = 5V
VCC1 = 2.7V
VCC1 = 3.3V
VCC1 = 16.5V
VCC1 = 3.3V
VCC1 = 12V
VCC1 = 2.7V
IFILTER LOW
IFILTER HIGH
VCC1 = 5V
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G22
1.29
1.28
1.27
1.26
1.25
1.24
1.23
–40
°C
–40
°C
25
°C
85
°C
85
°C
HIGH THRESHOLD
LOW THRESHOLD
25
°C
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G23
2.5
2.3
2.1
1.9
1.7
1.5
–40
°C
85
°C
25
°C
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G24
23
22
21
20
19
18
17
–40
°C
85
°C
25
°C
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G25
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
–40
°C
85
°C
25
°C
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G26
9
8
7
6
5
4
3
2
1
0
–40
°C
VTIMER = 1.5V
85
°C
25
°C
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G27
1.237
1.236
1.235
1.234
1.233
1.232
1.231
1.230
–40
°C
85
°C
25
°C
FILTER Pull-Up Current vs
Temperature
FAULT Threshold Voltage vs VCC1
Supply Voltage
TIMER Pull-Down Current (After
Second Cycle) vs VCC1 Supply
Voltage
FILTER Pull-Down Current vs
Temperature
FILTER Threshold Voltage vs
Temperature
TIMER Pull-Up Current (During
First Cycle) vs VCC1 Supply
Voltage
TIMER Fast Pull-Down (End of the
First Cycle) Current vs VCC1
Supply Voltage
TIMER High Threshold vs VCC1
Supply Voltage
FAULT Pull-Up Current vs VCC1
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com