Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 7Page - Linear Technology LTC4230IGN Datasheet HTML 8Page - Linear Technology LTC4230IGN Datasheet HTML 9Page - Linear Technology LTC4230IGN Datasheet HTML 10Page - Linear Technology LTC4230IGN Datasheet HTML 11Page - Linear Technology LTC4230IGN Datasheet HTML 12Page - Linear Technology LTC4230IGN Datasheet HTML 13Page - Linear Technology LTC4230IGN Datasheet HTML 14Page - Linear Technology LTC4230IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
LTC4230
4230f
BLOCK DIAGRA
–
+
TMRBUFFER
1.234V
–
+
CHANNEL 2
CONTROL
CHANNEL TWO
FAST COMP2
VCC2
150mV
FASTHI
+
–
–
+
FBCOMP2
1.234V
0.25V
POWER BAD
+
–
GATELO
COMPARATOR
VCLAMP2 = VCC2 + 12V
GATELO
FPD
200
µA
MG2
–
+
SLOW COMP2
VCC2
CPO2
50mV
SLOWHI
CUR_LIMIT
+
–
GLITCH
FILTER
FPD
10
µA
CHANNEL THREE
(DUPLICATE OF CHANNEL TWO)
–
+
CHANNEL 1
CONTROL
CHANNEL ONE
FAST COMP1
VCC1
150mV
FASTHI
+
–
–
+
FBCOMP1
1.234V
0.25V
POWER BAD
MR2
MR1
+
–
GATELO
COMPARATOR
VCLAMP1 = VCC1 + 12V
GATELO
FPD
200
µA
MG1
–
+
SLOW COMP1
VCC1
CPO1
50mV
SLOWHI
CUR_LIMIT
+
–
GLITCH
FILTER
ON
10
µA
VCC1
2
µA
VCC1
2
µA
SYSTEM
CONTROL
–
+
COMP1
VCC1
ON
COMPARATOR
1.234V
FAULT
M2
M4
M5
–
+
FAULT
COMPARATOR
COMP6
1.234V
FAULTLO
DELAY
CHARGE
PUMP 3
VCC1
CHARGE
PUMP 2
VCC1
CPO3
VCC3
VCC2
VCC1
UVLO
0.25V
1.234V
REF
CPO2
CPO1
CHARGE
PUMP 1
OSC
+
–
FILTER
COMPARATOR
FTR_CHARGE
1.26V
FTRHI
0.3V
1.234V
+
–
TMRLO
COMPARATOR
TMRLO
TMRHI
–
+
TMRHI
COMPARATOR
10
µA
VCC1
20
µA
M6
FAULT
1.6
µA
19
RESET 2
20
FB2
17
SENSE 2
16
VCC2
2
RESET 3
1
FB3
4
SENSE 3
5
VCC3
9
RESET 1
10
FB1
7
SENSE 1
FAULT
6
VCC1
13
11
15
FILTER
ON
18 GATE 2
3 GATE 3
8 GATE 1
GND
14
TIMER
12
MF2
MF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com