Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 22Page - Linear Technology LTC4230IGN Datasheet HTML 23Page - Linear Technology LTC4230IGN Datasheet HTML 24Page - Linear Technology LTC4230IGN Datasheet HTML 25Page - Linear Technology LTC4230IGN Datasheet HTML 26Page - Linear Technology LTC4230IGN Datasheet HTML 27Page - Linear Technology LTC4230IGN Datasheet HTML 28Page - Linear Technology LTC4230IGN Datasheet HTML 29Page - Linear Technology LTC4230IGN Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
LTC4230
4230f
In the previous three examples, the connection sense was
hard wired with no processor (low) interrupt capability. As
illustrated in Figure 15, the addition of an inexpensive
logic-level discrete MOSFET and a couple of resistors
offers processor interrupt control to the connection sense.
R4 keeps the gate of M2 at VCC until the card is firmly
mated to the backplane. A logic low for the ON/OFF signal
turns M2 off, allows the ON pin to pull high and turns on
the LTC4230.
A more elaborate connection sense scheme is shown in
Figure 16. The bases of Q1 and Q2 are wired to short pins
located on opposite ends of the edge connector because
the installation/removal of printed circuit cards generally
requires rocking the card back and forth. When VCC
makes connection, the bases of transistors Q1 and Q2 are
pulled high, biasing them on. When both are on, the
LTC4230’s ON pin is held low, keeping the LTC4230 off.
When the short base connector pins of Q1 and Q2 finally
mate to the backplane, their bases are grounded, biasing
the transistors off. The ON pin is then pulled high by R3
enabling the LTC4230 and a power-up cycle begins.
A software-initiated power-down cycle can be started by
momentarily driving transistor M1 with a logic high signal.
This in turn will drive the LTC4230’s ON pin low. If the ON
pin is held low for more than 8
µs, the LTC4230’s GATEn
pin is switched to ground.
APPLICATIO S I FOR ATIO
+
4
3
2
1
VCCn
SENSE
n
LTC4230*
15
12
14
CLOAD
VOUT
5V
5A
4230 F15
R6
15k
GATE
n
GND
TIMER
PCB CONNECTION SENSE
CTIMER
1
µF
FB
n
ON
SHORT
LONG
VCC
5V
GND
ON/OFF
LONG
Z1: SMAJ10
M2: 2N7002LT1
*ADDITIONAL DETAILS
OMITTED FOR CLARITY
RESET
n
R2
10k
R4
10k
M2
R1
10k
RX
10
Ω
RSENSE
0.007
Ω
PCB EDGE
CONNECTOR
(MALE)
M1
Si4410DY
Z1
R5
36k
R7
10k
µP
LOGIC
RESET
SHORT
CX
100nF
BACKPLANE
CONNECTOR
(FEMALE)
Figure 15. Connection Sense with ON/OFF Control
+
4
3
2
1
VCCn
SENSE
n
LTC4230*
15
12
14
CLOAD
VOUT
5V
5A
4230 F16
R5
15k
GATE
n
GND
TIMER
PCB CONNECTION SENSE
CTIMER
1
µF
FB
n
ON
LONG
VCC
GND
ON/RESET
LONG
Z1: SMAJ10
M1: 2N7002LT1
Q1, Q2: MMBT3904LT1
*ADDITIONAL DETAILS OMITTED FOR CLARITY
RESET
n
M1
RX
10
Ω
RSENSE
0.007
Ω
PCB EDGE
CONNECTOR
(MALE)
M2
Si4410DY
Z1
R3
10k
R2
10k
R1
10k
R8
10k
R4
36k
R7
10k
µP
LOGIC
RESET
SHORT
SHORT
LAST BLADE OR PIN ON CONNECTOR
SHORT
CX
0.1
µF
BACKPLANE
CONNECTOR
(FEMALE)
Q1
Q2
LAST BLADE OR PIN ON CONNECTOR
Figure 16. Connection Sense for Rocking the Daughter Board Back and Forth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com