Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 18Page - Linear Technology LTC4230IGN Datasheet HTML 19Page - Linear Technology LTC4230IGN Datasheet HTML 20Page - Linear Technology LTC4230IGN Datasheet HTML 21Page - Linear Technology LTC4230IGN Datasheet HTML 22Page - Linear Technology LTC4230IGN Datasheet HTML 23Page - Linear Technology LTC4230IGN Datasheet HTML 24Page - Linear Technology LTC4230IGN Datasheet HTML 25Page - Linear Technology LTC4230IGN Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
LTC4230
4230f
start-up sequence where the LTC4230 is powered up into
a load overcurrent condition. Note that the circuit breaker
trips at Time Point 8 and is reset at Time Point 10.
ADJUSTING SLOW COMP
n’S RESPONSE TIME
The response time of SLOW COMP
n is adjusted using a
capacitor connected from the LTC4230’s FILTER pin to
ground. If this pin is left unused, SLOW COMP
n’s delay
defaults to 10
µs. During normal operation, the FILTER
output pin is held low as an internal 10
µA pull-down
current source is connected to this pin by transistor M4.
This pull-down current source is turned off when an
overcurrent load condition is detected by SLOW COMP
n.
During an overcurrent condition, the internal 2
µA pull-up
current source is connected to the FILTER pin by transis-
tor M5, thereby charging CFILTER. As the charge on the
capacitor accumulates, the voltage across CFILTER
increases. Once the FILTER pin voltage increases to 1.26V,
the electronic circuit breaker trips and the LTC4230’s
GATE
n pins are switched quickly to ground by transistor
MF
n (refer to the Block Diagram). After the circuit breaker
is tripped, M5 is turned off, M4 is turned on and the 10
µA
pull-down current then holds the FILTER pin voltage low.
SLOW COMP
n’s response time from an overcurrent fault
condition to when the circuit breaker trips (GATE
n OFF) is
given by Equation 7:
tV
C
A
s
SLOWCOMP
FILTER
n =
µ
+µ
126
2
10
.•
(7)
For example, if CFILTER=1000pF,SLOWCOMPn’sresponse
time = 640
µs. As a design aid, SLOW COMPn’s delay time
(tSLOW COMP) versus CFILTER for standard values of CFILTER
from 100pF to 1000pF is illustrated in Table 2.
Table 2. tSLOWCOMPn vs CFILTER
CFILTER
tSLOWCOMPn
100pF
73
µs
220pF
149
µs
330pF
218
µs
470pF
306
µs
680pF
438
µs
820pF
527
µs
1000pF
640
µs
SENSE RESISTOR CONSIDERATIONS
The fault current level at which the LTC4230’s internal
electronic circuit breakers trip is determined by a sense
resistor connected between the LTC4230’s VCCn and
SENSE
n pins and two separate trip points. The first trip
point is set by the SLOW COMP
n’s threshold, VCB(SLOW) =
50mV, and the trip occurs if a load current fault condition
exist for more than 10
µs. The current level at which the
electronic circuit breaker trips is given by Equation 8:
I
V
R
mV
R
TRIP SLOW
CB SLOW
SENSE
SENSE
()
()
n
n
nn
==
50
(8)
The second trip point is set by the FAST COMP
n’s thresh-
old, VCB(FAST) = 150mV, and occurs during fast load
current transients that exist for 500ns or longer. The
current level at which the circuit breaker trips in this case
is given by Equation 9:
I
V
R
mV
R
TRIP FAST
CB FAST
SENSE
SENSE
()
()
n
n
nn
==
150
(9)
As a design aid, the currents at which electronic circuit
breaker trips for common values for RSENSE are shown in
Table 3.
Table 3. ITRIP(SLOW) and ITRIP(FAST) vs RSENSE
RSENSE
ITRIP(SLOW)
ITRIP(FAST)
0.005
Ω
10A
30A
0.006
Ω
8.3A
25A
0.007
Ω
7.1A
21A
0.008
Ω
6.3A
19A
0.009
Ω
5.6A
17A
0.01
Ω
5A
15A
For proper circuit breaker operation, Kelvin-sense PCB
connections between the sense resistor and the LTC4230’s
VCCn and SENSEn pins are strongly recommended. The
drawing in Figure 11 illustrates the correct way of making
connections between the LTC4230 and the sense resistor.
PCB layout should be balanced and symmetrical to mini-
mize wiring errors. In addition, the PCB layout for the
sense resistor should include good thermal management
techniques for optimal sense resistor power dissipation.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com