Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 35 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 28Page - Linear Technology LTC4230IGN Datasheet HTML 29Page - Linear Technology LTC4230IGN Datasheet HTML 30Page - Linear Technology LTC4230IGN Datasheet HTML 31Page - Linear Technology LTC4230IGN Datasheet HTML 32Page - Linear Technology LTC4230IGN Datasheet HTML 33Page - Linear Technology LTC4230IGN Datasheet HTML 34Page - Linear Technology LTC4230IGN Datasheet HTML 35Page - Linear Technology LTC4230IGN Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
35
LTC4230
4230f
Figure 26. Recommended Layout for LTC4230 RSENSE, Power MOSFET and Feedback Network
4230 F26
NOTE: DRAWING IS NOT TO SCALE!
USE SIMILAR TECHNIQUES FOR VCC1 AND VCC2
**ADDITIONAL DETAILS OMITTED FOR CLARITY
*OPTIONAL COMPONENTS
CTIMER
CGX*
VIA TO
GNDPLANE
RGX*
12k
5.1k
LTC4230**
D
D
D
D
G
S
S
S
POWER MOSFET
SO-8
SENSE RESISTOR
(RSENSE)
CURRENT FLOW
TO LOAD
TRACK WIDTH W
W
W
CURRENT FLOW
TO LOAD
CURRENT FLOW
TO LOAD
W
APPLICATIO S I FOR ATIO
APPE DIX
Table 4 lists some current sense resistors that can be used
with the circuit breaker. Table 5 lists some power MOSFETs
that are available. Table 6 lists the web sites of several
manufacturers. Since this information is subject to change,
please verify the part numbers with the manufacturer.
Table 4. Sense Resistor Selection Guide
CURRENT LIMIT VALUE
PART NUMBER
DESCRIPTION
MANUFACTURER
1A
LR120601R050
0.05
Ω 0.5W 1% Resistor
IRC-TT
2A
LR120601R025
0.025
Ω 0.5W 1% Resistor
IRC-TT
2.5A
LR120601R020
0.02
Ω 0.5W 1% Resistor
IRC-TT
3.3A
WSL2512R015F
0.015
Ω 1W 1% Resistor
Vishay-Dale
5A
LR251201R010F
0.01
Ω 1.5W 1% Resistor
IRC-TT
10A
WSR2R005F
0.005
Ω 2W 1% Resistor
Vishay-Dale
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com