Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 19Page - Linear Technology LTC4230IGN Datasheet HTML 20Page - Linear Technology LTC4230IGN Datasheet HTML 21Page - Linear Technology LTC4230IGN Datasheet HTML 22Page - Linear Technology LTC4230IGN Datasheet HTML 23Page - Linear Technology LTC4230IGN Datasheet HTML 24Page - Linear Technology LTC4230IGN Datasheet HTML 25Page - Linear Technology LTC4230IGN Datasheet HTML 26Page - Linear Technology LTC4230IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
LTC4230
4230f
4
3
2
1
–
+
SLOW
COMP
n
VCCn
VOUTn
VCBn
SENSE
n
RSENSE
*ADDITIONAL DETAILS
OMITTED FOR CLARITY
4230 F12
LTC4230*
VCB(MAX) = 60mV
VCB(NOM) = 50mV
VCB(MIN) = 40mV
ILOAD(MAX)
VCCn
5V
+
–
Figure 12. Circuit Breaker Equivalent Circuit
for Calculating RSENSE
The power rating of the sense resistor should accommo-
date steady-state fault current levels so that the compo-
nent is not damaged before the circuit breaker trips.
Table 4 in the Appendix lists suggested sense resistors
that can be used with the LTC4230’s circuit breaker.
For example:
If a sense resistor with 7m
Ω ±5% RTOL is used for current
limiting, the nominal trip current ITRIP(NOM) = 7.1A. From
Equations 11 and 12, ITRIP(MIN) = 5.4A and ITRIP(MAX) = 9A
respectively.
For proper operation and to avoid the circuit breaker
tripping unnecessarily, the minimum trip current
(ITRIP(MIN)) must exceed the circuit’s maximum operating
load current. For reliability purposes, the operation at the
maximum trip current (ITRIP(MAX)) must be evaluated
carefully. If necessary, two resistors with the same RTOL
can be connected in parallel to yield an RSENSE(NOM) value
that fits the circuit requirements.
IRC-TT SENSE RESISTOR
LR251201R010F
OR EQUIVALENT
0.01
Ω, 1%, 1W
CURRENT FLOW
TO LOAD
CURRENT FLOW
TO LOAD
TO
VCCn
TO
SENSEn
TRACK WIDTH W:
0.03" PER AMP
ON 1 OZ COPPER
W
4230 F11
Figure 11. Making PCB Connections to the Sense Resistor
CALCULATING CIRCUIT BREAKER TRIP CURRENT
For a selected RSENSE value, the nominal load current that
trips the circuit breaker is given by Equation 10:
I
V
R
mV
R
TRIP NOM
CB NOM
SENSE NOM
SENSE NOM
()
()
()
()
==
50
(10)
The minimum load current that trips the circuit breaker is
given by Equation 11.
I
V
R
mV
R
TRIP MIN
CB MIN
SENSE MAX
SENSE MAX
()
()
()
()
==
40
(11)
where
RR
R
SENSE MAX
SENSE NOM
TOL
()
(
) •
=+ 


1
100
The maximum load current that trips the circuit breaker is
given in Equation 12.
I
V
R
mV
R
TRIP MAX
CB MAX
SENSE MIN
SENSE MIN
()
()
()
()
==
60
(12)
where
RR
R
SENSE MIN
SENSE NOM
TOL
()
(
) •–
=


1
100
POWER MOSFET SELECTION CRITERIA
To start the power MOSFET selection process, choose the
maximum drain-to-source voltage, VDS(MAX), and the
maximum drain current, ID(MAX) of the MOSFET. The
VDS(MAX) rating must exceed the maximum input supply
voltage (including surges, spikes, ringing, etc.) and the
ID(MAX) rating must exceed the maximum short-circuit
current in the system during a fault condition. In addition,
consider three other key parameters: 1) the required gate-
source (VGS) voltage drive, 2) the voltage drop across the
drain-to-source ON resistance, RDS(ON) and 3) the maxi-
mum junction temperature rating of the MOSFET.
Power MOSFETs are classified into two categories: stan-
dard MOSFETs (RDS(ON) specified at VGS = 10V) and logic-
level MOSFETs (RDS(ON)specifiedatVGS=5V).Theabsolute
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com