Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC4230IGN Datasheet HTML 1Page - Linear Technology LTC4230IGN Datasheet HTML 2Page - Linear Technology LTC4230IGN Datasheet HTML 3Page - Linear Technology LTC4230IGN Datasheet HTML 4Page - Linear Technology LTC4230IGN Datasheet HTML 5Page - Linear Technology LTC4230IGN Datasheet HTML 6Page - Linear Technology LTC4230IGN Datasheet HTML 7Page - Linear Technology LTC4230IGN Datasheet HTML 8Page - Linear Technology LTC4230IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
LTC4230
4230f
TYPICAL PERFOR A CE CHARACTERISTICS
VCC1 SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
18
4230 G01
8
7
6
5
4
3
2
1
0
VCC2 = 2.5V
VCC3 = 1.8V
–40
°C
25
°C
85
°C
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
18
4230 G02
0.6
0.5
0.4
0.3
0.2
0.1
0
–40
°C
25
°C
85
°C
CHANNEL 3
CHANNEL 2
TEMPERATURE (
°C)
–75
125
4230 G03
–25
25
75
–50
150
0
50
100
2.5
2.2
1.9
1.6
1.3
1.0
VCC3 HIGH
VCC1 HIGH
VCC1 LOW
VCC2 HIGH
VCC2 LOW
VCC3 LOW
TEMPERATURE (
°C)
–75
125
4230 G04
–25
25
75
–50
150
0
50
100
5
4
3
2
1
0
VFBn = 5V
TEMPERATURE (
°C)
–75
125
4230 G05
–25
25
75
–50
150
0
50
100
6
5
4
3
2
1
0
VON = 5V
TEMPERATURE (
°C)
–75
125
4230 G06
–25
25
75
–50
150
0
50
100
100
90
80
70
60
50
40
30
20
10
0
VSENSEn = 5V
TEMPERATURE (
°C)
–75
125
4230 G07
–25
25
75
–50
150
0
50
100
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
VCC1 = 3.3V
VCC2 = 2.5V
VCC3 = 1.8V
ON PIN HIGH
ON PIN LOW
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G08
152.0
151.5
151.0
150.5
150.0
149.5
149.0
148.5
148.0
–40
°C
25
°C
85
°C
VCC1 SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
4230 G09
52.0
51.5
51.0
50.5
50.0
49.5
49.0
–40
°C
25
°C
85
°C
Channel 1 Supply Current vs VCC1
Supply Voltage
FB
n Pin Input Current vs
Temperature
ON Threshold vs Temperature
Channels 2 and 3 Supply Current
vs Supply Voltage
UVLO Threshold Voltage vs
Temperature
ON Pin Input Current vs
Temperature
SENSE
n Input Current vs
Temperature
Fast Comparator Threshold vs
VCC1 Supply Voltage
Slow Comparator Threshold vs
VCC1 Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com