Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 36 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 28Page - Linear Technology LTC4230IGN Datasheet HTML 29Page - Linear Technology LTC4230IGN Datasheet HTML 30Page - Linear Technology LTC4230IGN Datasheet HTML 31Page - Linear Technology LTC4230IGN Datasheet HTML 32Page - Linear Technology LTC4230IGN Datasheet HTML 33Page - Linear Technology LTC4230IGN Datasheet HTML 34Page - Linear Technology LTC4230IGN Datasheet HTML 35Page - Linear Technology LTC4230IGN Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
36
LTC4230
4230f
LT/TP 0702 2K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2001
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
2-Channel Hot Swap Controller
24-Pin, Operates from 3V to 12V and Supports – 12V
LTC1422
Single Channel Hot Swap Controller in SO-8
Operates from 2.7V to 12V
LT1641-1/LT1641-2
Positive Voltage Hot Swap Controller
Operates from 9V to 80V
LTC1642
Single Channel Hot Swap Controller
16-Pin, Overvoltage Protection to 33V
LTC1644
PCI Hot Swap Controller
3.3V, 5V and
±12V, 1V Precharge, PCI Reset Logic
LTC1647
Dual Channel Hot Swap Controller
8-Pin, 16-Pin, Operates from 2.7V to 16.5V
LTC4211
Single Hot Swap Controller with Multifunction Current Control
2.5V to 16.5V, Similar Features as LTC4230
LT4250L/LT4250H
Negative Voltage Hot Swap Controllers in SO-8
Operates from – 20V to –80V, Active Current Limiting
LTC4251
– 48V Hot Swap Controller in SOT-23
–15V to –100V, Active Current Limiting
PACKAGE DESCRIPTIO
GN Package
20-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
Table 5. N-Channel MOSFET Selection Guide
CURRENT LEVEL (A)
PART NUMBER
DESCRIPTION
MANUFACTURER
0 to 2
MMDF3N02HD
Dual N-Channel SO-8, RDS(ON) = 0.09Ω, CISS = 455pF
ON Semiconductor
2 to 5
MMSF5N02HD
Single N-Channel SO-8, RDS(ON) = 0.025Ω, CISS = 1130pF
ON Semiconductor
5 to 10
MTB50N06V
Single N-Channel DD Pak, RDS(ON) = 0.028Ω, CISS = 1570pF
ON Semiconductor
10 to 20
MTB75N05HD
Single N-Channel DD Pak, RDS(ON) = 0.0095Ω, CISS = 2600pF
ON Semiconductor
Table 6. Manufacturers’ Web Sites
MANUFACTURER
WEB SITE
MANUFACTURER
WEB SITE
TEMIC Semiconductor
www.temic.com
IRC-TT
www.irctt.com
International Rectifier
www.irf.com
Vishay-Dale
www.vishay.com
ON Semiconductor
www.onsemi.com
Vishay-Siliconix
www.vishay.com
Intersil
www.intersil.com
Diodes, Inc.
www.diodes.com
APPE DIX
0.337 – 0.344*
(8.560 – 8.737)
GN20 (SSOP) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
12
3
4
5
6
7
89 10
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
16
17
18
19
20
15 14 13 12
11
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.007 – 0.0098
(0.178 – 0.249)
0.053 – 0.068
(1.351 – 1.727)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.0098
(0.102 – 0.249)
0.0250
(0.635)
BSC
0.058
(1.473)
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com