Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 9Page - Linear Technology LTC4230IGN Datasheet HTML 10Page - Linear Technology LTC4230IGN Datasheet HTML 11Page - Linear Technology LTC4230IGN Datasheet HTML 12Page - Linear Technology LTC4230IGN Datasheet HTML 13Page - Linear Technology LTC4230IGN Datasheet HTML 14Page - Linear Technology LTC4230IGN Datasheet HTML 15Page - Linear Technology LTC4230IGN Datasheet HTML 16Page - Linear Technology LTC4230IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
LTC4230
4230f
1
2
5
6
3 4
SECOND TIMING CYCLE
(SOFT-START CYCLE)
FIRST TIMING CYCLE
1.234V
20
µA PULL-UP
20
µA PULL-UP
4230 F02
CHECK FOR FILTER LOW (< VREF)
CHECK FOR FAULT HIGH (> VREF + 50mV)
FAST COMPARATOR ARMED
OUT OF UVLO
VCCn, ON
UVLO (INTERNAL SIGNAL)
TIMER
VOUT1
VOUT2, 3
RESET 1
RESET 2, RESET 3
GATE
n
GATE
n < 0.25V
10
µA PULL-UP
SLOW COMPARATOR ARMED
NORMAL MODE
(VFB1 > 1.237V)
(VFB2, VFB3 > 1.237V)
Figure 2. Supply Monitor Waveforms in Normal Mode
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com