Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4230IGN Datasheet HTML 21Page - Linear Technology LTC4230IGN Datasheet HTML 22Page - Linear Technology LTC4230IGN Datasheet HTML 23Page - Linear Technology LTC4230IGN Datasheet HTML 24Page - Linear Technology LTC4230IGN Datasheet HTML 25Page - Linear Technology LTC4230IGN Datasheet HTML 26Page - Linear Technology LTC4230IGN Datasheet HTML 27Page - Linear Technology LTC4230IGN Datasheet HTML 28Page - Linear Technology LTC4230IGN Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
LTC4230
4230f
4
3
2
1
+
VCCn
RESET
n
SENSE
n
ON
R5
15k
LTC4230*
GATE
n
FB
n
4230 F14a
15
14
12
CTIMER
1
µF
GND
TIMER
RESET
R4
36k
VOUT
5V
5A
Q1
Si4410DY
RSENSE
0.007
Ω
COUT
R6
10k
Z1**
Z1: SMAJ10
*ADDITIONAL DETAILS
OMITTED FOR CLARITY
**OPTIONAL
R1
10
Ω
C1
0.1
µF
R2
10k
VIN
5V
SHORT
LONG
VCC
RESET
LONG
PCB EDGE
CONNECTOR
(MALE)
SHORT
BACKPLANE
CONNECTOR
(FEMALE)
4
3
2
1
+
VCCn
SENSE
n
ON
R2
100k
RESET
LTC4230*
GATE
n
FB
n
4230 F14b
15
14
12
CTIMER
1
µF
R3
10k
GND
TIMER
RESET
n
VOUT
5V
5A
Q1
Si4410DY
RSENSE
0.007
Ω
COUT
R1
36k
R4
10k
R5
10k
PCB
CONNECTION
SENSE
RX
10
Ω
CX
0.1
µF
Z1**
VCC
5V
SHORT
LONG
SHORT
PCB EDGE
CONNECTOR
(MALE)
LONG
SHORT
BACKPLANE
CONNECTOR
(FEMALE)
Q2
R7
15k
Z1: SMAJ10
*ADDITIONAL DETAILS
OMITTED FOR CLARITY
**OPTIONAL
(14a) Hot Swap Controller On Daughter Board
(14b) Hot Swap Controller on Backplane
Figure 14. Staggered Pin Connections
PCB CONNECTION SENSE
There are a number of ways to use the LTC4230’s ON pin
to detect whether the printed circuit board has been fully
seated in the backplane before the LTC4230 commences
a start-up cycle.
The first example is shown in the schematic on the front
page of this data sheet. In this case, the LTC4230 is
mounted on the PCB and a 10k resistive divider is con-
nected to the ON pin. On the edge connector, R1 is wired
to a short pin. Until the connectors are fully mated, the ON
pin is held low, keeping the LTC4230 in an OFF state. Once
the connectors are mated, the resistive divider is
connected to VCC1, VON > 1.314V and the LTC4230 begins
a start-up cycle.
In Figure 14a, an LTC4230 is illustrated in a basic configu-
ration on a PCB daughter card. The ON pin is connected
directly to VCC on the backplane once the card is seated
into the backplane. R2 is provided to bleed off any potential
static charge which might exist on the backplane, the
connector or during card installation.
A third example is shown in Figure 14b where the LTC4230
is mounted on the backplane. In this example, a 2N2222
transistor and a pair of resistors (R4, R5) form the PCB
connection sense circuit. With the card out of the chassis,
Q2’s base is biased to VCC through R5, biasing Q2 on and
driving the LTC4230’s ON pin low. The base of Q2 is also
wired to a socket on the backplane connector. When a card
is firmly seated into the backplane, the base of Q2 is then
grounded through a short pin connection on the card. Q2
is biased off, the LTC4230’s ON pin is pulled-up to VCC and
a start-up cycle begins.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com