Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4230IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4230IGN
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC4230IGN Datasheet HTML 1Page - Linear Technology LTC4230IGN Datasheet HTML 2Page - Linear Technology LTC4230IGN Datasheet HTML 3Page - Linear Technology LTC4230IGN Datasheet HTML 4Page - Linear Technology LTC4230IGN Datasheet HTML 5Page - Linear Technology LTC4230IGN Datasheet HTML 6Page - Linear Technology LTC4230IGN Datasheet HTML 7Page - Linear Technology LTC4230IGN Datasheet HTML 8Page - Linear Technology LTC4230IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
LTC4230
4230f
s
Allows Safe Board Insertion and Removal
from a Live Backplane
s
Controls Three Supply Voltages from 1.7V to 16.5V
with VCC1 ≥ VCC2 ≥ VCC3
s
Programmable Soft-Start with Inrush Current
Limiting, No External Gate Capacitor Required
s
Faster Turn-Off Time with No Gate Capacitor
s
Dual Level Overcurrent Fault Protection
s
Programmable Overcurrent Response Time
s
Programmable Overvoltage Protection
s
Automatic Retry or Latched Mode Operation
s
Independent N-Channel FET High Side Drivers
s
User-Programmable Supply Voltage Power-Up Rate
s
FB
n Pin Monitors VOUTn and Signals RESETn
s
Glitch Filter Eliminates Spurious RESET
n Signals
The LTC
®4230 is a 3-channel Hot SwapTM controller that
allows a board to be safely inserted and removed from a
live backplane. Internal high side switch drivers control
the gates of external N-channel MOSFETs for supply
voltages ranging from 1.7V to 16.5V. The LTC4230 pro-
vides soft-start and inrush current limiting during the
programmable start-up period.
On-chip current limit comparators provide dual level
circuit breaker protection. The slow comparators trip at
VCCn – 50mV and activate in 10µs or are programmed by
an external filter capacitor. The fast comparators trip at
VCCn – 150mV and typically respond in 500ns.
Each FB
n pin monitors its own output supply voltage and
signals its RESET pin. The ON pin turns the chip on and
off and can be used for a reset function. The LTC4230 also
provides additional functions including fault indication,
autoretry or latchoff modes, programmable current limit
response time based on the FAULT and FILTER pins’
functionality.
s
Electronic Circuit Breaker
s
Hot Board Insertion and Removal (Either On
Backplane or On Removable Card)
s
Industrial High Side Switch/Circuit Breaker
Triple Hot Swap Controller
with Multifunction Current Control
, LTC and LT are registered trademarks of Linear Technology Corporation.
3-Channel Hot Swap Controller
Hot Swap is a trademark of Linear Technology Corporation.
RSENSE2
0.007
Ω
CX2
100nF
CX1
100nF
RX2
10
Ω
Q2
IRF7413
VCC1
ON
FAULT
GND
LTC4230
15
67
8
16
17
18
5
4
3
FB3
1
13
14
12
11
SENSE 1
GATE 1
VCC2
SENSE 2
GATE 2
SENSE 3 GATE 3
VCC3
RESET 3
2
RSENSE3
0.007
Ω
RX1
10
Ω
R8
5.1k
R9
12k
Q3
IRF7413
VOUT1
3.3V
5A
VOUT2
2.5V
5A
VOUT3
1.8V
5A
RSENSE1
0.007
Ω
CX3
100nF
RX3
10
Ω
CTIMER*
0.1
µF
CFILTER**
15pF
Q1
IRF7413
Z3***
Z2***
Z1***
* SYSTEM ON TIME: 6.2ms
**CIRCUIT BREAKER RESPONSE TIME: 19.5
µs
***OPTIONAL
Z1, Z2, Z3: SMAJ10
RESET 2
19
FB2
20
R7
10k
RESET 1
9
FB1
10
R10
11k
R11
12k
R6
10k
R12
18k
R13
12k
4230 TA01
R5
10k
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
VCC1
3.3V
LONG
VCC2
2.5V
LONG
VCC3
1.8V
LONG
SHORT
FAULT
GND
LONG
SHORT
R2
10k
R1
10k
PCB CONNECTION SENSE
RESET 3
TIMER
FILTER
RESET 2
RESET 1
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC4230IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4230 LINER-LTC4230 Datasheet
322Kb / 40P
Hot Swap Controller
LTC4230 LINER-LTC4230 Datasheet
341Kb / 24P
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
logo
Analog Devices
LTC4230 AD-LTC4230 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
Linear Technology
LTC4230 LINER-LTC4230_15 Datasheet
389Kb / 36P
Triple Hot Swap Controller with Multifunction Current Control
More results

Similar Description - LTC4230IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
LTC4211 LINER-LTC4211 Datasheet
369Kb / 36P
Hot Swap Controller with Multifunction Current Control
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
LTC4211 LINER-LTC4211_15 Datasheet
326Kb / 40P
Hot Swap Controller with Multifunction Current Control
LTC4230 LINER-LTC4230_15 Datasheet
389Kb / 36P
Triple Hot Swap Controller with Multifunction Current Control
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 35P
Negative Hot Swap / Inrush Current Controller
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
High Current Hot Swap Controller with Current Monitor Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com