Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 25Page - Analog Devices ADA4355ABCZ Datasheet HTML 26Page - Analog Devices ADA4355ABCZ Datasheet HTML 27Page - Analog Devices ADA4355ABCZ Datasheet HTML 28Page - Analog Devices ADA4355ABCZ Datasheet HTML 29Page - Analog Devices ADA4355ABCZ Datasheet HTML 30Page - Analog Devices ADA4355ABCZ Datasheet HTML 31Page - Analog Devices ADA4355ABCZ Datasheet HTML 32Page - Analog Devices ADA4355ABCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 29 of 45
CLOCK STABILITY CONSIDERATIONS
Immediately after power-on, the ADA4355 enters an
initialization phase during which an internal state machine sets
up the biases and the registers for proper operation. During the
initialization process, the ADA4355 needs a stable clock. If the
clock source to the ADC is not present or not stable during
ADC power-up, it disrupts the state machine and causes the
ADC to start up in an unknown state. To correct this, invoke a
digital reset via Register 0x08 after the clock source is stable.
Clock instability during normal operation may also necessitate
a digital reset to restore proper operation.
The pseudo code sequence for a digital reset is as follows:
1. Write Register 0x08 = 0x03 for a digital reset.
2. Write Register 0x08 = 0x00 for normal operation.
CONTROLS
The ADA4355 uses four balls to control various functions of
the analog front end. Use the GSEL1 and GSEL0 balls to select
TZ (see Table 9), use the VLDEN ball to enable or disable the
on-chip LDO, and use FSEL to select the filter bandwidth for
the internal LPF. These control balls must be driven as these
balls have no internal pull-up or pull-down resistors.
Transimpedance Gain and Performance Controls
Each TZ determines its relevant saturation current (ISAT) and
input referred rms current noise (IN). The GSEL0 and GSEL1
balls work together as shown in Table 9.
Table 9. Truth Table for GSEL1 and GEL0
GSEL1 (Ball A5)
GSEL0 (Ball A4)
Transimpedance (TZ)
0
1
TZ = 2 kΩ
1
0
TZ = 20 kΩ
0
0
TZ = 200 kΩ
1
1
Reserved
LDO Enable Controls
The on-chip 1.8 V LDO is controlled via the VLDEN ball. The
control signal vs. LDO output are shown in Table 10.
Table 10. LDO Control Signal Truth Table
VLDEN (Ball F7)
VLD (Ball F12)
0
No output
1
1.8 V
LPF Bandwidth Selection
The ADA4355 uses an internal analog LPF to optimize settling
time and noise performance. The LPF is controlled via the
FSEL ball as shown in Table 11. Input signal pulse width should
be considered when choosing the LPF bandwidth.
Table 11. LPF Truth Table
FSEL (Ball A6)
LPF Bandwidth (MHz)
0
100
1
1
DIGITAL OUTPUT AND TIMING
The ADA4355 supports high speed, digital serial outputs. These
serial differential outputs are LVDS-compatible data and clock
lanes. These output lanes include the D0AP, D0AN, D1AP,
D1AN, DCOP, DCON, FCOP, and FCON balls.
At power-on default, the ADA4355 differential outputs
conform to the ANSI-644 LVDS standard. Each of the LVDS
output driver currents sets a nominal 3.5 mA. A 100 Ω
differential termination resistor placed at the LVDS receiver
inputs results in a nominal 350 mV swing (or 700 mV p-p
differential) at the receiver.
The ADA4355 differential outputs also support a low power,
reduced signal range option (similar to the IEEE 1596.3
standard) via the SPI programming. When operating in
reduced range mode, the LVDS output driver current reduces
to 2 mA. This reduction results in a 200 mV swing (or 400 mV p-p
differential) across a 100 Ω termination at the receiver.
The LVDS outputs facilitate interfacing with LVDS receivers in
custom application specific ICs (ASICs) and FPGAs for
improved switching performance in noisy environments. To
reduce the environmental noise impact, the PCB trace design
recommends single point-to-point net topologies with a 100 Ω
termination resistor placed as close as possible to the receiver.
Timing errors may result if there is no far end receiver
termination, or if there is poor differential trace routing. To
avoid such timing errors, minimize trace lengths and keep the
differential output traces close together and at equal lengths.
Figure 85 shows an example of the FCO and data stream with
proper trace length and position. In Figure 85 and Figure 86,
D0 is the differential signal, D0AP – D0AN, and D1 is the
differential signal, D1AP – D1AN.
D0Ax 500mV/DIV
D1Ax 500mV/DIV
DCOx 500mV/DIV
FCOx 500mV/DIV
4ns/DIV
Figure 85. LVDS Output Timing Example in ANSI-644 Mode (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com