Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 34Page - Analog Devices ADA4355ABCZ Datasheet HTML 35Page - Analog Devices ADA4355ABCZ Datasheet HTML 36Page - Analog Devices ADA4355ABCZ Datasheet HTML 37Page - Analog Devices ADA4355ABCZ Datasheet HTML 38Page - Analog Devices ADA4355ABCZ Datasheet HTML 39Page - Analog Devices ADA4355ABCZ Datasheet HTML 40Page - Analog Devices ADA4355ABCZ Datasheet HTML 41Page - Analog Devices ADA4355ABCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 38 of 45
MEMORY MAP
OVERVIEW
The memory map register table (see Table 17) describes the
ADA4355 registers. These registers configure and control the
ADC only.
The memory map is divided into three sections: the chip
configuration registers, the device index register, and the global
ADC function registers, including setup and control.
Each register has eight bit locations. The column with the Bit 7
(MSB) heading contains the most significant bit of the default
hexadecimal value given. For example, Register 0x05, the device
index register, has a hexadecimal default value of 0x33, which
means that in Register 0x05, Bits[7:6] = 00, Bits[5:4] = 11,
Bits[3:2] = 00, and Bits [1:0] = 11 (in binary).
For more information on this SPI port function, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.
This application note documents the functions controlled by
Register 0x00 to Register 0xFF.
Open Locations
In the Table 17, the register bit open locations are reserved to
the ADA4355. These bits must be set to 0 at all times.
Default Values
The default values are available in Table 17.
After power-on, all registers have loaded their default values.
To soft reset the ADA4355, use Register 0x00. All registers,
except the read only register (Register 0x02), are loaded with
default values.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com