Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 20Page - Analog Devices ADA4355ABCZ Datasheet HTML 21Page - Analog Devices ADA4355ABCZ Datasheet HTML 22Page - Analog Devices ADA4355ABCZ Datasheet HTML 23Page - Analog Devices ADA4355ABCZ Datasheet HTML 24Page - Analog Devices ADA4355ABCZ Datasheet HTML 25Page - Analog Devices ADA4355ABCZ Datasheet HTML 26Page - Analog Devices ADA4355ABCZ Datasheet HTML 27Page - Analog Devices ADA4355ABCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 24 of 45
0
5
10
15
20
25
30
VREF (V)
N = 290 UNITS
MEAN: 0.995V
SD: 0.0015V
0.989 0.990 0.991 0.992 0.993 0.994 0.995
0.997
0.996
0.999 1.000
0.998
Figure 67. ADC Internal Reference Voltage (VREF) Distribution
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
INPUT CURRENT (µA)
–150
–50
50
150
250
350
450
550
650
750
850
ADC SATURATED
TIA SATURATED
Figure 68. ADC Input Voltage vs. Input Current, TZ = 2 kΩ
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
INPUT CURRENT (µA)
–15
–5
5
15
25
35
45
55
65
75
85
ADC SATURATED
TIA SATURATED
Figure 69. ADC Input Voltage vs. Input Current, TZ = 20 kΩ
0
5
10
15
20
25
30
35
40
45
VREF DRIFT (µV/°C)
N = 290 UNITS
MEAN: 42.69µV/°C
SD: 4.92µV/°C
25
30
35
40
45
50
55
65
60
Figure 70. ADC Internal VREF Drift Distribution
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
INPUT CURRENT (µA)
–1.5
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
ADC SATURATED
TIA SATURATED
Figure 71. ADC Input Voltage vs. Input Current, TZ = 200 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com