Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 1 Page - Analog Devices

  ADA4355ABCZ Datasheet HTML 1Page - Analog Devices ADA4355ABCZ Datasheet HTML 2Page - Analog Devices ADA4355ABCZ Datasheet HTML 3Page - Analog Devices ADA4355ABCZ Datasheet HTML 4Page - Analog Devices ADA4355ABCZ Datasheet HTML 5Page - Analog Devices ADA4355ABCZ Datasheet HTML 6Page - Analog Devices ADA4355ABCZ Datasheet HTML 7Page - Analog Devices ADA4355ABCZ Datasheet HTML 8Page - Analog Devices ADA4355ABCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Programmable Transimpedance,
Current to Bits Receiver µModule
Data Sheet
ADA4355
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High performance, current input, data acquisition µModule
that includes a TIA, analog filter, ADC driver, and ADC
3 selectable TZ settings: 2 kΩ, 20 kΩ, and 200 kΩ
Internal 1.8 V LDO for the ADC
All passive components including supply decoupling
Small form factor: 12.00 mm × 6.00 mm CSP_BGA
Operation from a single 3.3 V supply
Full-scale input current to 800 µA (TZ = 2 kΩ)
Fast input overload recovery
High analog input current to 40 mA
Analog filter for noise reduction and antialias filtering
Selectable 1.0 MHz and 100 MHz LPF bandwidth
Low input referred current noise: 16 pA rms
TZ = 200 kΩ, 65,536 averages, 1 MHz analog filter
Supports input pulse widths down to 10 ns
14-bit ADC with sample rate up to 125 MSPS
Serial LVDS data output
SPI control interface
Quiescent power: 546 mW, LDO enabled
Temperature range: −40°C to +85°C
APPLICATIONS
Current to voltage conversion
Chemical analyzers
Mass spectroscopy
Time of Flight
Fiber optic sensing
OTDR
Optical amplifiers
Reconfigurable optical add and drop multiplexers (ROADM)
GENERAL DESCRIPTION
The ADA4355 is a complete, high performance, current input
µModule®. For space savings, the ADA4355 includes all the
required active and passive components to realize a complete
current to bits data acquisition solution, supporting a small
form factor, optical modules as well as multichannel systems.
The high speed transimpedance amplifier (TIA) of the device
supports 10 ns pulse widths, allowing high spatial resolution for
Time of Flight (ToF) measurements. Additionally, the ADA4355
includes three TIA gain (TZ) settings to maximize dynamic range.
An internal, selectable, analog low-pass filter (LPF) can limit
the device bandwidth with a corner frequency of 100 MHz to
minimize broadband noise while also serving as an antialiasing
filter for the 125 MSPS ADC. For lower bandwidth signals, or
wider signal pulses (for example, 20 µs or wider), the filter can
be set to a corner frequency of 1.0 MHz to provide additional
noise reduction.
The 14-bit ADC converts the amplified voltage signal at a rate of
up to 125 MSPS and outputs the digitized signals through two
serial, low voltage differential signaling (LVDS) data lanes,
operating at rates of up to 1 Gbps per lane. The data clock
output (DCO) operates at frequencies of up to 500 MHz and
supports double data rate (DDR) operation.
The ADA4355 exhibits fast overdrive recovery from a large
input current signal and is available in a 12.00 mm × 6.00 mm
CSP_BGA package with a −40°C to +85°C operating temperature
range.
FUNCTIONAL BLOCK DIAGRAM
VCC
VLDEN
LDO
VLD
VEA/VED
FSEL
GND
CLKN
CLKP
LVDS LANES
SPI SIGNALS
SPI
ADC
ADA4355
BANDWIDTH
LPF
2
2
TIA
INPUT
GSEL0,
GSEL1
Figure 1.


Similar Part No. - ADA4355ABCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4350ARUZ AD-ADA4350ARUZ Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4350ARUZ-R7 AD-ADA4350ARUZ-R7 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4351-2 AD-ADA4351-2 Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
ADA4351-2ACPZ AD-ADA4351-2ACPZ Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
More results

Similar Description - ADA4355ABCZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1186F LINER-LT1186F Datasheet
206Kb / 16P
DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
logo
List of Unclassifed Man...
MTI04BS ETC1-MTI04BS Datasheet
271Kb / 10P
MULTI-CHANNEL PROGRAMMABLE GAIN TRANSIMPEDANCE AMPLIFIER
logo
Eudyna Devices Inc
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
10 Gb/s Receiver Transimpedance Amplifier
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
10Gb/s Receiver Transimpedance Amplifier
logo
Texas Instruments
SN65LVDS302 TI-SN65LVDS302_07 Datasheet
1Mb / 41P
PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS310 TI1-SN65LVDS310 Datasheet
1Mb / 32P
PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
logo
Dialog Semiconductor
CCG1401 DIALOG-CCG1401 Datasheet
1Mb / 20P
Programmable Transimpedance Amplifier
logo
Renesas Technology Corp
CCG1401 RENESAS-CCG1401 Datasheet
1Mb / 24P
Programmable Transimpedance Amplifier
Feb 28, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com