Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 27Page - Analog Devices ADA4355ABCZ Datasheet HTML 28Page - Analog Devices ADA4355ABCZ Datasheet HTML 29Page - Analog Devices ADA4355ABCZ Datasheet HTML 30Page - Analog Devices ADA4355ABCZ Datasheet HTML 31Page - Analog Devices ADA4355ABCZ Datasheet HTML 32Page - Analog Devices ADA4355ABCZ Datasheet HTML 33Page - Analog Devices ADA4355ABCZ Datasheet HTML 34Page - Analog Devices ADA4355ABCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 31 of 45
Figure 90 shows a TIE jitter histogram with trace lengths
greater than 24 inches on standard FR-4 material.
10k
12k
2k
4k
6k
8k
0
–800
–600
–400
–200
0
200
400
600
TIME (ps)
Figure 90. TIE Jitter Histogram for Trace Lengths Greater Than 24 Inches
(Approximate 36 Inch Trace Length Result Shown) on Standard FR-4 Material
Two output clocks assist in capturing data from the ADA4355.
The DCO clocks the output data and is equal to 4× the sample
clock (CLK) rate for the default mode of operation. Data is clocked
out of the ADA4355 and must be captured on the rising and falling
edges of the DCO that supports DDR capturing. The FCO signals
the start of a new output byte and is equal to the sample clock
rate in 1× frame mode. See Figure 6 for more information.
When the SPI is used, the DCO phase can be adjusted in
approximately 60° increments relative to one data cycle (30°
relative to one DCO cycle). This adjustment allows the user to
refine system time margins, if required. The example DCOP
and DCON timing, as shown in Figure 6, is 180° relative to one
data cycle (90° relative to one DCO cycle).
In power-on default mode, as shown in Figure 6, the MSB is
first in the data output serial stream. This configuration can be
inverted by programming the SPI so that the LSB is first in the
data output serial stream.
Digital Output Coding
There are 12 digital output test pattern options available that
can be initiated through the SPI. This feature is useful when
validating receiver capture and timing. Refer to Table 13 for
the output bit sequencing options available. Some test patterns
have two serial sequential words and can be alternated in
various ways depending on the test pattern chosen.
Note that some patterns do not adhere to the data format select
option. In addition, custom, user defined test patterns can be
assigned in the following register addresses: Register 0x19,
Register 0x1A, Register 0x1B, and Register 0x1C.
Table 12. Digital Output Coding
Input (V)1
Condition
Offset Binary Output Mode
Twos Complement Mode
VIN+ − VIN−
<−1 V − 0.5 LSB
0000 0000 0000 0000
1000 0000 0000 0000
VIN+ − VIN−
−1 V
0000 0000 0000 0000
1000 0000 0000 0000
VIN+ − VIN−
0 V
1000 0000 0000 0000
0000 0000 0000 0000
VIN+ − VIN−
+1 V − 1.0 LSB
1111 1111 1111 1100
0111 1111 1111 1100
VIN+ − VIN−
>+1 V − 0.5 LSB
1111 1111 1111 1100
0111 1111 1111 1100
1
VIN+ and VIN− are the positive and negative input voltages.
Table 13. Flexible Output Test Modes
Output Test
Mode Bit
Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to
Data Format
Select
Notes
0000
Off (default)
Not applicable (N/A)
Not applicable
Not applicable
Not
applicable
0001
Midscale short
1000 0000 0000 (12-bit)
1000 0000 0000 0000 (16-bit)
Not applicable
Yes
Offset binary
code shown
0010
+Full-scale short
1111 1111 1111 (12-bit)
1111 1111 1111 1100 (16-bit)
Not applicable
Yes
Offset binary
code shown
0011
−Full-scale short
0000 0000 0000 (12-bit)
0000 0000 0000 0000 (16-bit)
Not applicable
Yes
Offset binary
code shown
0100
Checkerboard
1010 1010 1010 (12-bit)
1010 1010 1010 1000 (16-bit)
0101 0101 0101 (12-bit)
0101 0101 0101 0100 (16-bit)
No
Not
applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com