Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 10Page - Analog Devices ADA4355ABCZ Datasheet HTML 11Page - Analog Devices ADA4355ABCZ Datasheet HTML 12Page - Analog Devices ADA4355ABCZ Datasheet HTML 13Page - Analog Devices ADA4355ABCZ Datasheet HTML 14Page - Analog Devices ADA4355ABCZ Datasheet HTML 15Page - Analog Devices ADA4355ABCZ Datasheet HTML 16Page - Analog Devices ADA4355ABCZ Datasheet HTML 17Page - Analog Devices ADA4355ABCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 14 of 45
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A
GND
DNC
VCC
GSEL0 GSEL1
FSEL
DNC
GND
DNC
CS
SCLK
GND
D0AN
D0AP
B
GND
GND
GND
GND
GND
GND
DNC
DNC
GND
GND
SDIO
GND
D1AN
D1AP
C
GND
GND
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
FCON
FCOP
D
GND
DNC
VCC
VCC
VCC
GND
DNC
NOTES
1. DO NOT CONNECT. THESE BALLS ARE RESERVED.
DNC
DNC
GND
GND
GND
DCON
DCOP
E INPUT
GND
GND
DNC
DNC
GND
GND
DNC
GND
VEA
CLKN
VED
DNC
DNC
F
DNC
DNC
VCC
VCC
VCC
VCC
VLDEN
VCC
GND
DNC
CLKP
VLD
DNC
DNC
ADA4355
TOP VIEW
(BALL SIDE DOWN)
Figure 12. Ball Configuration
Table 8. Ball Configuration and Function Descriptions
Ball No.
Mnemonic
Type1
Description
A1, A8, A12, B1 to B6, B9, B10, B12, C1,
C2, C6 to C12, D1, D6, D10 to D12,
E2, E3, E6, E7, E9, F9
GND
P
Ground.
A3, C3 to C5, D3 to D5, F3 to F6, F8
VCC
P
3.3 V Power Supply.
E10
VEA
P
1.8 V Analog Power Supply to ADC.
E12
VED
P
1.8 V Digital Power Supply to ADC.
F12
VLD
PO
1.8 V LDO Output. Connect VLD to VEA and VED to power the ADC
from the internal LDO or leave VLD floating if the ADC is powered from
the external source. Do not connect VLD to the external circuitry.
F7
VLDEN
DI
VLD Output Enable. Set VLDEN = 1 to enable the VLD output.
A6
FSEL
DI
LPF Bandwidth Select. FSEL selects the 100 MHz (FSEL = 0) or 1.0 MHz
(FSEL = 1) LPF bandwidth.
A10
CS
DI
Chip Select. Set CS = 0 to enable SPI mode. CS has an internal 15 kΩ
pull-up resistor.
B11
SDIO
DIO
Serial Data Input/Output. In SPI mode, SDIO is a bidirectional SPI data
input/output with a 31 kΩ internal pull-down resistor.
A11
SCLK
DI
SPI Clock Input in SPI Mode. SCLK has a 30 kΩ internal pull-down resistor.
D13, D14
DCON, DCOP
DO
Data Clock Outputs, Differential.
C13, C14
FCON, FCOP
DO
Frame Clock Outputs, Differential.
B13, B14
D1AN, D1AP
DO
Lane 1 Digital Outputs, Differential.
A13, A14
D0AN, D0AP
DO
Lane 0 Digital Outputs, Differential.
F11, E11
CLKP, CLKN
DI
ADC Sampling Clock Inputs, Differential.
A4, A5
GSEL0, GSEL1
DI
TIA Gain Selection. See Table 9 for the truth table.
E1
INPUT
AI
Analog Input. Connect INPUT to a reversed biased photodiode anode.
A2, A7, A9, B7, B8, D2, D7 to D9, E4, E5,
E8, E13, E14 ,F1, F2, F10, F13, F14
DNC
N/A
Do Not Connect. These balls are reserved.
1
P means power, PO means power output, DI means data input, DIO means data input/output, DO means data output, AI means analog input, and N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com