Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 37Page - Analog Devices ADA4355ABCZ Datasheet HTML 38Page - Analog Devices ADA4355ABCZ Datasheet HTML 39Page - Analog Devices ADA4355ABCZ Datasheet HTML 40Page - Analog Devices ADA4355ABCZ Datasheet HTML 41Page - Analog Devices ADA4355ABCZ Datasheet HTML 42Page - Analog Devices ADA4355ABCZ Datasheet HTML 43Page - Analog Devices ADA4355ABCZ Datasheet HTML 44Page - Analog Devices ADA4355ABCZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 44 of 45
Serial Output Data Control (Register 0x21)
The power-on default value of this register is 0x30.
The serial output data control register programs the ADA4355 in
various output data modes, depending on the data capture
solution. Table 21 describes the various serialization options
available in the ADA4355. Note that, in single data rate (SDR)
mode, the DCO frequency is double that of the frequency in
DDR mode for a given sample rate. In SDR mode, to stay
within the capability of the DCO LVDS driver, reduce the
ADC sample rate to ≤62.5 MSPS to keep the DCO frequency
at ≤500 MHz.
User Input/Output Control 2 (Register 0x101)
The power-on default value of this register is 0x00.
Bits[7:1]—Open
Bit 0—Disable SDIO Pull-Down
Bit 0 can be set to disable the internal 31 kΩ pull-down resistor
on the SDIO ball, which limits the loading when many devices
are connected to the SPI bus.
Table 21. Register 0x21 Options
Serialization Options Selected
Register 0x21
Contents
Serial Output Number
of Bits (SONB)
Frame Mode
Serial Data Mode
DCO
Multiplier
Timing Diagram
0x30
16-bit
1×
DDR two-lane bytewise
4 × fS
See Figure 6 (default setting)
0x20
16-bit
1×
DDR two-lane bitwise
4 × fS
See Figure 6
0x10
16-bit
1×
SDR two-lane bytewise
8 × fS
See Figure 6
0x00
16-bit
1×
SDR two-lane bitwise
8 × fS
See Figure 6
0x34
16-bit
2×
DDR two-lane bytewise
4 × fS
See Figure 8
0x24
16-bit
2×
DDR two-lane bitwise
4 × fS
See Figure 8
0x14
16-bit
2×
SDR two-lane bytewise
8 × fS
See Figure 8
0x04
16-bit
2×
SDR two-lane bitwise
8 × fS
See Figure 8
0x40
16-bit
1×
DDR one-lane wordwise
8 × fS
See Figure 10
0x32
12-bit
1×
DDR two-lane bytewise
3 × fS
See Figure 7
0x22
12-bit
1×
DDR two-lane bitwise
3 × fS
See Figure 7
0x12
12-bit
1×
SDR two-lane bytewise
6 × fS
See Figure 7
0x02
12-bit
1×
SDR two-lane bitwise
6 × fS
See Figure 7
0x36
12-bit
2×
DDR two-lane bytewise
3 × fS
See Figure 9
0x26
12-bit
2×
DDR two-lane bitwise
3 × fS
See Figure 9
0x16
12-bit
2×
SDR two-lane bytewise
6 × fS
See Figure 9
0x06
12-bit
2×
SDR two-lane bitwise
6 × fS
See Figure 9
0x42
12-bit
1×
DDR one-lane wordwise
6 × fS
See Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com