Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 37Page - Analog Devices ADA4355ABCZ Datasheet HTML 38Page - Analog Devices ADA4355ABCZ Datasheet HTML 39Page - Analog Devices ADA4355ABCZ Datasheet HTML 40Page - Analog Devices ADA4355ABCZ Datasheet HTML 41Page - Analog Devices ADA4355ABCZ Datasheet HTML 42Page - Analog Devices ADA4355ABCZ Datasheet HTML 43Page - Analog Devices ADA4355ABCZ Datasheet HTML 44Page - Analog Devices ADA4355ABCZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 45 of 45
OUTLINE DIMENSIONS
A
B
C
D
E
F
8
7
6
3
2
1
9
10
11
12
13
14
5
4
1.00
REF
0.80
REF
12.10
12.00
11.90
6.10
6.00
5.90
BALL DIAMETER
0.80
BSC
0.80
BSC
4.00
REF
10.40 REF
DETAIL A
0.50
0.45
0.40
1.60
1.50
1.40
0.39
0.35
0.31
SEATING
PLANE
DETAIL A
BOTTOM VIEW
TOP VIEW
SIDE VIEW
A1 BALL
CORNER
A1 BALL
CORNER
0.80 REF
0.40
0.35
0.30
COPLANARITY
0.08
Figure 99. 84-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-84-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADA4355ABCZ
−40°C to +85°C
84-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-84-4
EVAL-ADA4355EBZ
Evaluation Board
1
Z = RoHS Compliant Part
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D23165-10/20(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com