Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 32Page - Analog Devices ADA4355ABCZ Datasheet HTML 33Page - Analog Devices ADA4355ABCZ Datasheet HTML 34Page - Analog Devices ADA4355ABCZ Datasheet HTML 35Page - Analog Devices ADA4355ABCZ Datasheet HTML 36Page - Analog Devices ADA4355ABCZ Datasheet HTML 37Page - Analog Devices ADA4355ABCZ Datasheet HTML 38Page - Analog Devices ADA4355ABCZ Datasheet HTML 39Page - Analog Devices ADA4355ABCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 36 of 45
PCB DESIGN TIPS
Signal Integrity Recommendations
Place the photodiode signal source as close as possible to the
ADA4355 input to minimize trace length and associated
parasitic capacitance. Clear away all ground layers directly
underneath the input trace to reduce parasitics even further.
Additionally, match all LVDS line (DCON, DCOP, FCON,
FCOP, D0AN, D0AP, D1AN, and D1AP) lengths to eliminate
potential timing issues.
Thermal Design Recommendations
The ADA4355 uses multiple VCC and GND balls to facilitate
the internal power and grounding requirements. All of these
balls must be connected for proper electrical connectivity within
the module. Additionally, the PCB connection of the multiple
VCC and GND balls is an integral part of the thermal design.
All of the ADA4355 VCC and GND balls must be connected to
a PCB copper plane with the lowest thermal resistance possible.
To achieve the best thermal performance, these planes must
have as many thermal vias as practical to provide the lowest
possible thermally resistive path for heat dissipation to flow
through the bottom of the PCB. Solder fill or plug these vias.
Surface-Mount Design
Table 14 is provided as an aid to PCB design to accommodate
CSP_BGA style surface-mount packages. For industry-standard
design recommendations, refer to IPC-7351, Generic Requirements
for Surface Mount Design and Land Pattern Standard.
Table 14. CSP_BGA Data for Use with Surface-Mount Design
Package
Ball Attach Type
Solder Mask Opening
Ball Pad Size
84-Ball CSP_BGA (BC-84-4)
Solder mask defined
0.35 mm diameter
0.40 mm diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com