Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 26Page - Analog Devices ADA4355ABCZ Datasheet HTML 27Page - Analog Devices ADA4355ABCZ Datasheet HTML 28Page - Analog Devices ADA4355ABCZ Datasheet HTML 29Page - Analog Devices ADA4355ABCZ Datasheet HTML 30Page - Analog Devices ADA4355ABCZ Datasheet HTML 31Page - Analog Devices ADA4355ABCZ Datasheet HTML 32Page - Analog Devices ADA4355ABCZ Datasheet HTML 33Page - Analog Devices ADA4355ABCZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 30 of 45
Figure 86 shows the LVDS output timing example in reduced
range mode.
D0Ax 400mV/DIV
D1Ax 400mV/DIV
DCOx 400mV/DIV
FCOx 400mV/DIV
4ns/DIV
Figure 86. LVDS Output Timing Example in Reduced Range Mode
Figure 87 shows an example of the LVDS output data eye using
the ANSI-644 standard (default) with trace lengths of less than
24 inches on standard FR-4 material.
500
400
300
200
100
–500
–400
–300
–200
–100
0
–0.8
–0.4
0
0.4
0.8
EYE: ALL BITS
ULS: 7000/400354
TIME (ns)
Figure 87. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
of Less Than 24 Inches (Approximate 6 Inch Trace Length Result Shown) on
Standard FR-4 Material, External 100 Ω Far End Termination Only
Figure 88 shows a time interval error (TIE) jitter histogram
with trace lengths of less than 24 inches on standard FR-4
material.
6k
7k
1k
2k
3k
5k
4k
0
200
250
300
350
TIME (ps)
400
450
500
Figure 88. TIE Jitter Histogram for Trace Lengths Less Than 24 Inches
(Approximate 6 Inch Trace Length Result Shown) on Standard FR-4 Material
The TIE jitter histogram reflects the decrease of the data eye
opening because the edge deviates from the ideal position. It is
the responsibility of the user to determine if the waveforms
meet the timing budget of the design.
The format of the output data is twos complement by default. An
example of the output coding format can be found in Table 12.
To change the output data format to offset binary, see the
Memory Map section.
Immediately after power-on, the ADA4355 output serial stream
sets as double data rate (DDR), two-lane, byte wise, MSB first,
1× frame, and 16-bit mode. In this default setting, the
ADA4355 data rate for each serial stream is equal to (16 bits ×
the sample clock rate)/2 lanes, with a maximum of 1 Gbps per
lane ((16 bits × 125 MSPS)/2 lanes = 1 Gbps per lane).
Figure 89 shows an example of the LVDS output data eye using
the ANSI-644 standard (default) with trace lengths greater than
24 inches on standard FR-4 material.
500
400
300
200
100
–500
–400
–300
–200
–100
0
–0.8
–0.4
0
TIME (ns)
0.4
0.8
EYE: ALL BITS
ULS: 8000/414024
Figure 89. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
Greater Than 24 Inches (Approximate 36 Inch Trace Length Result Shown) on
Standard FR-4 Material, External 100 Ω Far End Termination Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com