Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 37Page - Analog Devices ADA4355ABCZ Datasheet HTML 38Page - Analog Devices ADA4355ABCZ Datasheet HTML 39Page - Analog Devices ADA4355ABCZ Datasheet HTML 40Page - Analog Devices ADA4355ABCZ Datasheet HTML 41Page - Analog Devices ADA4355ABCZ Datasheet HTML 42Page - Analog Devices ADA4355ABCZ Datasheet HTML 43Page - Analog Devices ADA4355ABCZ Datasheet HTML 44Page - Analog Devices ADA4355ABCZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 43 of 45
Output Phase (Register 0x16)
The power-on default value of this register is 0x03.
Bit 7—Open
Bits[6:4]—Input Clock Phase Adjust
When the clock divider (Register 0x0B) is used, the applied
clock is at a higher frequency than the internal sampling clock.
Bits[6:4] of Register 0x16 determine at which phase the external
clock sampling occurs. The input clock phase adjust is only
applicable when the clock divider is used. Selecting a value for
Bits[6:4] greater than Register 0x0B, Bits[2:0] is prohibited. See
Table 19.
Bits[3:0]—Output Clock Phase Adjust
See Table 20 for details.
Table 19. Input Clock Phase Adjust Options
Input Clock Phase Adjust, Register 0x16, Bits[6:4]
Number of Input Clock Cycles of Phase Delay
000 (Default)
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Table 20. Output Clock Phase Adjust Options
Output Clock (DCO), Phase Adjust, Register 0x16, Bits[3:0]
DCOPhaseAdjustment(ApproximateDegreesRelativetotheDxAP/DxANEdge)
0000
0
0001
60
0010
120
0011 (Default)
180
0100
240
0101
300
0110
360
0111
420
1000
480
1001
540
1010
600
1011 through 1111
660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com