Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 5 Page - Analog Devices

  ADA4355ABCZ Datasheet HTML 1Page - Analog Devices ADA4355ABCZ Datasheet HTML 2Page - Analog Devices ADA4355ABCZ Datasheet HTML 3Page - Analog Devices ADA4355ABCZ Datasheet HTML 4Page - Analog Devices ADA4355ABCZ Datasheet HTML 5Page - Analog Devices ADA4355ABCZ Datasheet HTML 6Page - Analog Devices ADA4355ABCZ Datasheet HTML 7Page - Analog Devices ADA4355ABCZ Datasheet HTML 8Page - Analog Devices ADA4355ABCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 5 of 45
CLK, SPI, AND CONTROL SPECIFICATIONS
TA = 25°C, VCC = 3.3 V, and LDO enabled (see the power scheme shown in Figure 3), unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLOCK INPUTS (CLKP AND CLKN)
External Clock Frequency
10
1000
MHz
Conversion Rate
10
125
MSPS
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage
For LVDS and LVPECL
0.2
3.6
V p-p
Input Voltage Range
GND − 0.2
VEA + 0.2
V
Input Common-Mode Voltage
0.9
V
Input Resistance (Differential)
15
kΩ
Input Capacitance, CIN
4
pF
SERIAL PORT INTERFACE (SPI) CLOCK
SCLK Frequency
25
MHz
SPI INPUTS (SCLK, CS, AND SDIO)
Input High Voltage, VINH
1.2
VEA + 0.2
V
Input Low Voltage, VINL
0
0.8
V
SCLK
Input Resistance, RIN
30
kΩ
CIN
2
pF
CS
RIN
26
kΩ
CIN
2
pF
SDIO
RIN
26
kΩ
CIN
5
pF
SPI OUTPUT (SDIO)
Logic 1 Output Voltage
High output current (IOH) = 800 µA
1.79
V
Logic 0 Output Voltage
Low output current (IOL) = 50 µA
0.05
V
OTHER CONTROL INPUTS (GSEL0, GSEL1, FSEL,
AND VLDEN)
VINH
2
VCC
V
VINL
0
0.4
V
Input Low or High Current, IINL or IINH
Input voltage (VIN) = VINL or VINH
40
nA
CIN
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com