Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 19Page - Analog Devices ADA4355ABCZ Datasheet HTML 20Page - Analog Devices ADA4355ABCZ Datasheet HTML 21Page - Analog Devices ADA4355ABCZ Datasheet HTML 22Page - Analog Devices ADA4355ABCZ Datasheet HTML 23Page - Analog Devices ADA4355ABCZ Datasheet HTML 24Page - Analog Devices ADA4355ABCZ Datasheet HTML 25Page - Analog Devices ADA4355ABCZ Datasheet HTML 26Page - Analog Devices ADA4355ABCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 23 of 45
0
5
10
15
20
25
30
SYSTEM OFFSET (V)
N = 290 UNITS
µ = 831.48mV
σ = 7.05mV
0.86
0.85
0.84
0.83
0.82
0.81
0.80
Figure 61. System Offset Distribution, TZ = 2 kΩ, LPF = 100 MHz
0
5
10
15
20
25
30
SYSTEM OFFSET (V)
N = 290 UNITS
µ = 832mV
σ = 7.14mV
0.82
0.81
0.80
0.83
0.84
0.84
0.85
0.86
Figure 62. System Offset Distribution, TZ = 20 kΩ, LPF = 100 MHz
0
5
10
15
20
25
SYSTEM OFFSET (V)
N = 290 UNITS
µ = 841mV
σ = 18.76mV
0.82
0.78
0.80
0.88
0.84
0.90
0.86
Figure 63. System Offset Distribution, TZ = 200 kΩ, LPF = 1 MHz
0
5
10
15
20
25
SYSTEM OFFSET DRIFT (µV/°C)
N = 290 UNITS
µ = 79.51µV/°C
σ = 28.71µV/°C
145 160 175 190 205
–5
130
10
115
25
100
40 55
85
70
Figure 64. System Offset Drift Distribution, TZ = 2 kΩ, LPF = 100 MHz
0
5
10
15
20
25
SYSTEM OFFSET DRIFT (µV/°C)
N= 290 UNITS
µ = 84.38µV/°C
σ = 37.17µV/°C
180 200 220
0
160
20
140
40
120
60
100
80
Figure 65. System Offset Drift Distribution, TZ = 20 kΩ, LPF = 100 MHz
0
5
10
15
20
25
30
SYSTEM OFFSET DRIFT (mV/°C)
N = 290 UNITS
µ = 0.141mV/°C
σ = 0.291mV/°C
1.0
1.2
–0.8
0.8
–0.6
0.6
–0.4
0.4
–0.2
0.2
0
Figure 66. System Offset Drift Distribution, TZ = 200 kΩ, LPF = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com