Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 21Page - Analog Devices ADA4355ABCZ Datasheet HTML 22Page - Analog Devices ADA4355ABCZ Datasheet HTML 23Page - Analog Devices ADA4355ABCZ Datasheet HTML 24Page - Analog Devices ADA4355ABCZ Datasheet HTML 25Page - Analog Devices ADA4355ABCZ Datasheet HTML 26Page - Analog Devices ADA4355ABCZ Datasheet HTML 27Page - Analog Devices ADA4355ABCZ Datasheet HTML 28Page - Analog Devices ADA4355ABCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 25 of 45
EQUIVALENT CIRCUITS
VED
V
V
V
V
D0AN, D1AN
D0AP, D1AP
Figure 72. Equivalent Digital Output Circuit
VEA
10
Ω
0.9V
15k
Ω
15k
Ω
10
Ω
VEA
CLKP
CLKN
Figure 73. Equivalent Clock Input Circuit
VED
400Ω
31kΩ
SDIO
Figure 74. Equivalent SDIO Input Circuit
400Ω
VED
30kΩ
SCLK
Figure 75. Equivalent SCLK Input Circuit
CS
400Ω
VED
15kΩ
Figure 76. Equivalent CS Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com