Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 33Page - Analog Devices ADA4355ABCZ Datasheet HTML 34Page - Analog Devices ADA4355ABCZ Datasheet HTML 35Page - Analog Devices ADA4355ABCZ Datasheet HTML 36Page - Analog Devices ADA4355ABCZ Datasheet HTML 37Page - Analog Devices ADA4355ABCZ Datasheet HTML 38Page - Analog Devices ADA4355ABCZ Datasheet HTML 39Page - Analog Devices ADA4355ABCZ Datasheet HTML 40Page - Analog Devices ADA4355ABCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 37 of 45
SPI
The ADA4355 SPI allows users to configure the internal ADC
for specific functions or operations through a structured
register space. Registers are accessible via the SPI port. Register
contents can be modified by writing to the port. Bytes that can
be further divided into fields constitute register memory, which
is documented in the Memory Map section. Information
specified in this data sheet takes precedence over the AN-877
Application Note, Interfacing to High Speed ADCs via SPI, which
provides general information.
CONFIGURATION USING THE SPI
The ADA4355 uses a 3-wire SPI configuration, SCLK, SDIO,
and CS. See Table 15 for the functionality for each ball.
Table 15. Serial Port Interface Balls
Mnemonic Function
SCLK
Serial clock when CS is low. The serial shift clock
input, which synchronizes serial interface reads and
writes.
SDIO
Serial data input/output when CS is low. Serves as
an input or output, depending on the instruction
sent and the relative position in the timing frame.
CS
Chip select. An active low control that enables the
SPI mode read and write cycles.
The falling edge of CS, in conjunction with the rising edge of
SCLK, determines the start of the framing. An example of the
serial timing is shown in Figure 5. See Table 4 for definitions of
the timing parameters.
In an ADA4355 application, CS must be held low at power-up to
enable SPI mode, and then kept low, which is called streaming. CS
can stall high between bytes to allow additional external timing.
During the instruction phase of an SPI operation, a 16-bit
instruction is transmitted. Data follows the instruction phase,
and the length of this data is determined by the W0 and W1
bits (see Figure 5).
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to both program the chip and to read the
contents of the on-chip memory. The first bit of the first byte
in a multibyte serial data transfer frame indicates whether a
read command or a write command is issued. If the instruction
is a readback operation, performing a readback causes the
SDIO ball to change direction from an input to an output at the
appropriate point in the serial frame.
All data is composed of 8-bit words. Data can be sent in MSB
first mode or in LSB first mode. MSB first mode is the default
on power-up and can be changed via the SPI port configuration
register. For more information about this and other features,
see the AN-877 Application Note, Interfacing to High Speed
ADCs via SPI.
ADC SPI START-UP SEQUENCE
To ensure proper device operation and power dissipation, the
following SPI sequence must be written after the ADA4355 is
powered on and anytime a power cycle occurs:
//SPI_WRITE(Memory Map Register,
Register Value)
SPI_WRITE(0x00, 0x00);
SPI_WRITE(0x05, 0x02);
SPI_WRITE(0x22, 0x03);
SPI_WRITE(0x05, 0x31);
HARDWARE INTERFACE
The balls described in Table 15 comprise the physical interface
between the user-programming device and the serial port of the
ADA4355. The SCLK ball and the CS ball function as inputs
when using the SPI interface. The SDIO ball is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the AN-812 Application Note,
Microcontroller-Based Serial Port Interface (SPI) Boot Circuit.
It is recommended that the SPI port not be active during
periods when the full dynamic performance of the converter
is required. Because the signals on SCLK, CS, and SDIO are
typically asynchronous to the ADC clock, noise from these
signals can degrade converter performance. If the on-board SPI
bus is used for other devices, it may be necessary to provide
buffers between this bus and the ADA4355 to prevent these
signals from transitioning at the converter inputs during
critical sampling periods.
SPI ACCESSIBLE FEATURES
Table 16 provides a brief description of the general features
accessible via the SPI. These features are described in general in
the AN-877 Application Note, Interfacing to High Speed ADCs
via SPI. ADA4355 device-specific features are described in
Table 17, the memory map register table.
Table 16. Features Accessible Using the SPI
Feature Name
Description
Power Mode
Allows the user to set either power-down
mode or standby mode
Clock
Allows the user to access the DCS, set the
clock divider, and set the clock divider phase
Offset
Allows the user to digitally adjust the
converter offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com